Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22010TZE/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LMZ22010TZE/NOPB
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010TZE/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMZ22010TZE/NOPB Datasheet HTML 23Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 24Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 25Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 26Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 27Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 28Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 29Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 30Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
6JA <
TJ-MAX - TA-MAX
PIC_LOSS
6JA <
(125 - 50) °C
3.9 W
< 19.23
°C
W
500
6
CA
Board Area_cm
2 &
°C x cm
2
W
.
6
CA <
125°C - 50°C
3.9 W
- 1.0 °C
W
< 18.23
°C
W
6
CA <
TJ-MAX ± TA-MAX
PIC_LOSS
- 6JC
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
10.3 Power Dissipation and Thermal Considerations
When calculating module dissipation use the maximum input voltage and the average output current for the
application. Many common operating conditions are provided in the characteristic curves such that less common
applications can be derived through interpolation. In all designs, the junction temperature must be kept below the
rated maximum of 125°C.
For the design case of VIN = 12 V, VOUT = 3.3 V, IOUT = 10 A, and TA-MAX = 50°C, the module must see a thermal
resistance from case to ambient (
θCA) of less than:
(15)
Given the typical thermal resistance from junction to case (
θJC) to be 1.0°C/W. Use the 85°C power dissipation
curves in the Typical Characteristics section to estimate the PIC-LOSS for the application being designed. In this
application it is 5.3W.
(16)
To reach
θCA = 13.15, the PCB is required to dissipate heat effectively. With no airflow and no external heat-sink,
a good estimate of the required board area covered by 2-oz. copper on both the top and bottom metal layers is:
(17)
As a result, approximately 38.02 square cm of 2-oz. copper on top and bottom layers is the minimum required
area for the example PCB design. This is 6.16 × 6.16 cm (2.42 x 2.42 in) square. The PCB copper heat sink
must be connected to the exposed pad. For best performance, use approximately 100, 8 mil thermal vias spaced
59 mil (1.5 mm) apart connect the top copper to the bottom copper.
Another way to estimate the temperature rise of a design is using
θJA. An estimate of θJA for varying heat sinking
copper areas and airflows can be found in the typical applications curves. If our design required the same
operating conditions as before but had 225 LFPM of airflow. We locate the required
θJA of
(18)
On the
θJA vs copper heatsinking curve, the copper area required for this application is now only 2 square
inches. The airflow reduced the required heat sinking area by a factor of three.
To reduce the heat sinking copper area further, this package is compatable with D3-PAK surface mount heat
sinks.
For an example of a high thermal performance PCB layout for SIMPLE SWITCHER© power modules, refer to
AN-2093 SNVA460, AN-2084 SNVA456, AN-2125 SNVA473, AN-2020 SNVA419 and AN-2026 SNVA424.
10.4 Power Module SMT Guidelines
The recommendations below are for a standard module surface mount assembly
•
Land Pattern — Follow the PCB land pattern with either soldermask defined or non-soldermask defined pads
•
Stencil Aperture
–
For the exposed die attach pad (DAP), adjust the stencil for approximately 80% coverage of the PCB land
pattern
–
For all other I/O pads use a 1:1 ratio between the aperture and the land pattern recommendation
•
Solder Paste — Use a standard SAC Alloy such as SAC 305, type 3 or higher
•
Stencil Thickness — 0.125 to 0.15mm
•
Reflow — Refer to solder paste supplier recommendation and optimized per board size and density
•
Refer to Design Summary LMZ1xxx and LMZ2xxx Power Modules Family (SNAA214) for reflow information
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com