Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22010TZE/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LMZ22010TZE/NOPB
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010TZE/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMZ22010TZE/NOPB Datasheet HTML 14Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 15Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 16Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 17Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 18Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 19Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 20Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 21Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
CIN1
RFBT
CSS
RFBB
VOUT
Share
Clk
LMZ22010
LOAD
VIN
CIN6
(OPT)
CO3,4
CIN5
(OPT)
+
CIN2,3,4
CO1
(OPT)
CO2
(OPT)
CO5
(OPT)
RSYNC
RENB
RENT
D1
5.1V
(OPT)
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMZ22010 is a step-down DC-to-DC power module. It is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 10 A. The following design procedure can be used to select
components for the LMZ22010. Alternately, the WEBENCH software may be used to generate complete designs.
When generating a design, the WEBENCH software uses iterative design procedure and accesses
comprehensive databases of components. Please go to www.ti.com for more details.
8.2 Typical Application
Figure 50. Typical Application Schematic Diagram
8.2.1 Design Requirements
For this example the following application parameters exist.
•
VIN Range = Up to 20 V
•
VOUT = 0.8 V to 6 V
•
IOUT = 10 A
8.2.2 Detailed Design Procedure
8.2.2.1 Design Steps
The LMZ22010 is fully supported by WEBENCH which offers: component selection, electrical and thermal
simulations. Additionally, there are both evaluation and demonstration boards that may be used as a starting
point for design. The following list of steps can be used to manually design the LMZ22010 application.
All references to values refer to the typical applications schematic Figure 50.
1. Select minimum operating VIN with enable divider resistors
2. Program VOUT with FB resistor divider selection
3. Select COUT
4. Select CIN
5. Determine module power dissipation
6. Layout PCB for required thermal performance
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com