Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22010TZE/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMZ22010TZE/NOPB
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010TZE/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ22010TZE/NOPB Datasheet HTML 13Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 14Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 15Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 16Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 17Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 18Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 19Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 20Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
Feature Description (continued)
Figure 48. Prebiased Start-Up
7.4 Device Functional Modes
7.4.1 Discontinuous Conduction and Continuous Conduction Modes
At light load the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). When operating in DCM, inductor
current is maintained to an average value equaling IOUT. In DCM the low-side switch will turn off when the
inductor current falls to zero, this causes the inductor current to resonate. Although it is in DCM, the current is
allowed to go slightly negative to charge the bootstrap capacitor.
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
off-time.
Figure 49 is a comparison pair of waveforms showing both the CCM (upper) and DCM operating modes.
VIN = 12 V, VO = 3.3 V, IO = 3 A / 0.3 A
Figure 49. CCM and DCM Operating Modes
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com