Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22010TZE/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LMZ22010TZE/NOPB
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010TZE/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMZ22010TZE/NOPB Datasheet HTML 19Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 20Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 21Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 22Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 23Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 24Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 25Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 26Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
0 100 200 300 400 500 600 700 800 9001000
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (MHz)
Horizontal Peak
Vertical Peak
Class B Limit
Class A Limit
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
12Vin
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
AMBIENT TEMPERATURE (°C)
JA = 9.9 °C/W
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
8.2.3 Application Curves
VIN = 12 V, VOUT = 3.3 V
VIN = 12 V, VOUT = 3.3 V
Figure 53. Efficiency
Figure 54. Thermal Derating Curve
VIN = 12 V, VOUT = 5 V,
IOUT = 10 A
Figure 55. Radiated EMI (EN 55022)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com