Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 117 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 117 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 113Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 114Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 115Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 116Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 117Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 118Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 119Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 120Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 135 page
background image
Input Frequency (MHz)
10
100
1000
5000
52
53
54
55
56
57
58
59
60
61
62
63
D048
35 fs
50 fs
100 fs
150 fs
200 fs
2
2
Jitter
Jitter Ext _ Clock _ Input
Aperture_ ADC
t
t
,
t
Jitter
IN
Jitter
SNR
dBc
20log 2
f
t
S u
u
ª
º
¬
¼
Quantization Noise
Thermal Noise
Jitter
2
2
2
SNR
SNR
SNR
20
20
20
SNRADC dBc
20log
10
10
10
§
·
§
·
§
·
¨
¸
¨
¸
¨
¸
ª
º
¬
¼
¨
¸
¨
¸
¨
¸
©
¹
©
¹
©
¹
117
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.1.3 SNR and Clock Jitter
The signal-to-noise ratio (SNR) of the ADC is limited by three different factors: quantization noise, thermal noise,
and jitter, as shown in Equation 5. The quantization noise is typically not noticeable in pipeline converters and is
84 dB for a 14-bit ADC. The thermal noise limits the SNR at low input frequencies and the clock jitter sets the
SNR for higher input frequencies.
(5)
The SNR limitation resulting from sample clock jitter can be calculated by Equation 6:
(6)
The total clock jitter (TJitter) has two components: the internal aperture jitter (90 fS) is set by the noise of the clock
input buffer and the external clock jitter. TJitter can be calculated by Equation 7:
(7)
External clock jitter can be minimized by using high-quality clock sources and jitter cleaners as well as band-pass
filters at the clock input. A faster clock slew rate also improves the ADC aperture jitter.
The ADC32RF44 has a thermal noise of approximately 63 dBFS and an internal aperture jitter of 90 fS. The
SNR, depending on the amount of external jitter for different input frequencies, is shown in Figure 232.
Figure 232. ADC SNR vs Input Frequency and External Clock Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com