Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 99Page - STMicroelectronics SPSB100PTR Datasheet HTML 100Page - STMicroelectronics SPSB100PTR Datasheet HTML 101Page - STMicroelectronics SPSB100PTR Datasheet HTML 102Page - STMicroelectronics SPSB100PTR Datasheet HTML 103Page - STMicroelectronics SPSB100PTR Datasheet HTML 104Page - STMicroelectronics SPSB100PTR Datasheet HTML 105Page - STMicroelectronics SPSB100PTR Datasheet HTML 106Page - STMicroelectronics SPSB100PTR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IIRQ_LK
Leakage current
VIRQ = 20 V
VIO = 3.3 V
-
-
100
μA
IIRQ_LK_5V
Leakage current when IRQ is disabled
VIRQ = 5.0 V
VIO = 5.0 V
-
-
1
μA
RIRQ_PU
IRQ internal pull-up resistor for echo
VIRQ = 1 V
13
29
55
kΩ
tIRQ_react(1)
Interrupt reaction time
-
-
40
µs
tIRQ_ECHO_FILT
IRQ echo error filter time
91
100
150
µs
1. Guaranteed by scan.
7.19
FIN1 input
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3.0 V ≤ VIO ≤ 5.5 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 45. FIN1 input
Symbol
Parameter
Condition
Min Typ
Max
Unit
VFIN1_L
Input voltage low threshold
1.0
-
-
V
VFIN1_H
Input voltage high threshold
-
-
2.3
V
VFIN1_HYS Input voltage hysteresis
0.2
-
-
V
RFIN1_PU
FIN1 pull-up resistor to VIO
VIO = 5.0 V
VFIN1 = 1.0 V
Defined by CR FCCU_STATIC_ERROR bit
13
29
55
kΩ
RFIN1_PD
FIN1 pull-down resistor to GND
VIO = 5.0 V
VFIN1 = 1.0 V
Defined by CR FCCU_STATIC_ERROR bit
13
29
55
kΩ
CFIN1(1)
FIN1 input capacitance
-
-
15
pF
1. Guaranteed by design.
7.20
Timer
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6.0 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
All timer timings are covered by scan.
Table 46. Timer values
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tON1
Timer on time
T1_ENA = 000
(default value)
0.08
0.1
0.14
ms
tON2
Timer on time
T1_ENA = 001
0.25
0.3
0.39
ms
tON3
Timer on time
T1_ENA = 010
0.83
1
1.27
ms
tON4
Timer on time
T1_ENA = 011
8.3
10
12.5
ms
tON5
Timer on time
T1_ENA = 1xx
16.6
20
25
ms
T1
Timer period
T1_PER = 000
(default value)
8.3
10
12.5
ms
T2
Timer period
T1_PER = 001
16.6
20
25
ms
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 103/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com