Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 102Page - STMicroelectronics SPSB100PTR Datasheet HTML 103Page - STMicroelectronics SPSB100PTR Datasheet HTML 104Page - STMicroelectronics SPSB100PTR Datasheet HTML 105Page - STMicroelectronics SPSB100PTR Datasheet HTML 106Page - STMicroelectronics SPSB100PTR Datasheet HTML 107Page - STMicroelectronics SPSB100PTR Datasheet HTML 108Page - STMicroelectronics SPSB100PTR Datasheet HTML 109Page - STMicroelectronics SPSB100PTR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 213 page
background image
8
Application circuit
Figure 71. Typical application circuit
OUT_HS
CSN
CLK
SDO
SDI
LDO1
VREG1
VREG2
LDO2
NRST
IGN
µC
µC
µC
µC
V BAT
ESD Protection for ECU pins
22nF
µC Core Supply
1)
µC supply (3.3V or 5V)
B ST3
PH3
VIN3
PGND3
COMP3
B ST1
PGND1
PH1
COMP1
FB1
VIN12
B ST2
PH2
COMP2
FB2
SGND
Thermal Cluster
GLB
FIN1
FBB
SWDBG
VS
NFSO1
Boost
Controller
To FailSafe circuitry
FCCU communication from µC
VREG
IRQ
WU
Interrupt to µC (output)
KL15 (input)
µC supply (5V or 3.3V)
PGND2
VIO
I/O voltage
FB3
GND
GBY
FBB
DLB
HS
P-CHANNEL
5V supply
Cbst_Buck3
L_Buck3
Cc_Buck3
Rc_Buck3
C_Buck3
Q2_Bypass
Rcl
DZby
L_Boost
CVBAT
Rpr
D2_Boost
D1_Boost
Q1_Boost
C_Boost
C_Boost_ALU
2)Optional to improve ripple on boost voltage
Rg
Rg_pd
V BAT
RNFSO1_PU
RIRQ_PU
Cbst_Buck1
L_Buck1
Cc_Buck1 Rc_Buck1
C_Buck1
Cbst_Buck2
L_Buck2
Cc_Buck2
Rc_Buck2
C_Buck2
CVREG
CLDO1
CLDO2
RNRST_PU
VIO
47nF
1)For EMC optimization purposes, capacitance could be redimensioned (2.2 µF recommended)
1 kΩ
AFBC-Q4532-800-T
1 kΩ
1 kΩ
3)Only needed for EMC performances
CVIN12
CVIN12
CVIN3
VIO
Buck1
Converter
Buck3
Converter
Buck2
Converter
1)
2)
3)
8.1
External components
Table 50. External components (referred to pictures in the related sections)
Component
Block/Usage
Min
Typ Max Unit
Note
CVBAT(1)
Capacitance at Vbat
40
50
-
μF
ESR: < 15 mΩ
Capacitance change or temperature coefficient: < |
22%|
Rated voltage: > 40 VDC
X7S
SMD
Choice: GCJ32EC71H106KA01
C_Boost(1)
Capacitance at FBB
40
50
150
μF
ESR: < 15 mΩ
Capacitance change or temperature coefficient: < |
22%|
Rated voltage: > 40 VDC
SPSB100
Application circuit
DS14640 - Rev 2
page 106/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com