Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 104Page - STMicroelectronics SPSB100PTR Datasheet HTML 105Page - STMicroelectronics SPSB100PTR Datasheet HTML 106Page - STMicroelectronics SPSB100PTR Datasheet HTML 107Page - STMicroelectronics SPSB100PTR Datasheet HTML 108Page - STMicroelectronics SPSB100PTR Datasheet HTML 109Page - STMicroelectronics SPSB100PTR Datasheet HTML 110Page - STMicroelectronics SPSB100PTR Datasheet HTML 111Page - STMicroelectronics SPSB100PTR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 213 page
background image
Component
Block/Usage
Min
Typ Max Unit
Note
Cbst_Buck1(1)
Cbst_Buck2(1)
Bootstrap capacitor
37.6
47
56.4
nF
-
Cbst_Buck3(1) Bootstrap capacitor
80
100
120
nF
-
L_Buck3
Output inductor
Iout = 6 A
2.2
3.3
4
µH
Rdc: < 15 mΩ
Isat > 10 A
SRF > 15 MHz
SMD
Choice: SPM10040T-3R3M-HZ
Cc_Buck1_24(1)
Cc_Buck2_24(1)
F = 2.4 MHz
1.2
1.5
1.8
nF
-
Cc_Buck3(1)
-
3.76
4.7
5.64
nF
-
Rc_Buck1_24
Rc_Buck2_24
F = 2.4 MHz
14.25 15 15.75
kΩ
-
Rc_Buck3
-
0.95
1
1.05
kΩ
-
C_Buck1_04(1)
C_Buck2_04(1)
Output capacitor at 400
kHz
T = 27 °C
Vout_buck1 = 3.3 V
33
47
56
µF
ESR: < 15 mΩ
Rated voltage: > 10 VDC
X7R [±15% temperature characteristics]
Choice: CGA6P1X7R1A476M250AC
L_Buck1_04
L_Buck2_04
Output inductor at 400 kHz
Iout = 3 A
11
15
18
µH
Rdc : < 40mΩ
Isat > 8 A
SRF > 4 MHz
SMD
Choice: SPM12565VT-150M-D
Cc_Buck1_04(1)
Cc_Buck2_04(1)
F = 400 kHz
8
10
12
nF
-
Rc_Buck1_04
Rc_Buck2_04
F = 400 kHz
4.84
5.1
5.35
kΩ
-
CVREG(1)
-
3
4.7
10
µF
max ESR < 0.1 Ω
Rated voltage > 5 V
X7R
Choice: CGA4J3X7R1A475K125AB
CLDO1(1)
-
-
2.2
-
µF
-
CLDO2(1)
-
-
2.2
-
µF
-
RNFSO1_PU
Pull-up resistor to Vbat
28.5
30
31.5
KΩ -
RIRQ_PU
Pull-up resistor to VIO
28.5
30
31.5
KΩ -
RNRST_PU
Pull-up resistor to VIO
28.5
30
31.5
KΩ -
CVIN12(1)
BUCK1, 2 input capacitor
-
22
-
µF
-
CVIN3(1)
BUCK3 input capacitor
-
47
-
µF
-
1. Capacitance to be dimensioned, for example, according to voltage drop out requirements.
8.2
External components calculation
8.2.1
BUCK1 and BUCK2 inductor
The value of the output inductor is usually calculated to satisfy the peak-to-peak ripple current requirement. For
the best compromise of cost, size and performance, it is suggested to keep the inductor current ripple between
20% and 40% of maximum load current.
For example, if:
SPSB100
Application circuit
DS14640 - Rev 2
page 108/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com