Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 156 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 156 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 152Page - STMicroelectronics SPSB100PTR Datasheet HTML 153Page - STMicroelectronics SPSB100PTR Datasheet HTML 154Page - STMicroelectronics SPSB100PTR Datasheet HTML 155Page - STMicroelectronics SPSB100PTR Datasheet HTML 156Page - STMicroelectronics SPSB100PTR Datasheet HTML 157Page - STMicroelectronics SPSB100PTR Datasheet HTML 158Page - STMicroelectronics SPSB100PTR Datasheet HTML 159Page - STMicroelectronics SPSB100PTR Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 213 page
background image
Bit
Name
Description
18
U_NVM_M_14
17
U_NVM_M_13
16
U_NVM_M_12
Table 181. DCR22 (0x16)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_M_11 U_NVM_M_10 U_NVM_M_9 U_NVM_M_8 U_NVM_M_7 U_NVM_M_6 U_NVM_M_5 U_NVM_M_4
User NVM M
register bit 11
User NVM M
register bit 10
User NVM M
register bit 9
User NVM M
register bit 8
User NVM M
register bit 7
User NVM M
register bit 6
User NVM M
register bit 5
User NVM M
register bit 4
Table 182. DCR22 (0x16) description
Bit
Name
Description
15
U_NVM_M_11
14
U_NVM_M_10
13
U_NVM_M_9
12
U_NVM_M_8
11
U_NVM_M_7
10
U_NVM_M_6
9
U_NVM_M_5
8
U_NVM_M_4
Table 183. DCR22 (0x16) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_M_3
U_NVM_M_2
U_NVM_M_1
U_NVM_M_0
CRC3
CRC2
CRC1
CRC0
User NVM M
register bit 3
User NVM M
register bit 2
User NVM M
register bit 1
User NVM M
register bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 184. DCR22 (0x16) LSB description
Bit
Name
Description
7
U_NVM_M_3
6
U_NVM_M_2
5
U_NVM_M_1
4
U_NVM_M_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
SPSB100
SPI registers
DS14640 - Rev 2
page 156/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com