Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 153 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 153 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 149Page - STMicroelectronics SPSB100PTR Datasheet HTML 150Page - STMicroelectronics SPSB100PTR Datasheet HTML 151Page - STMicroelectronics SPSB100PTR Datasheet HTML 152Page - STMicroelectronics SPSB100PTR Datasheet HTML 153Page - STMicroelectronics SPSB100PTR Datasheet HTML 154Page - STMicroelectronics SPSB100PTR Datasheet HTML 155Page - STMicroelectronics SPSB100PTR Datasheet HTML 156Page - STMicroelectronics SPSB100PTR Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 213 page
background image
Bit
Name
Description
Can be emulated when FSM is in U_PROG_1 state
18
U_NVM_K_14
17
U_NVM_K_13
16
U_NVM_K_12
Table 169. DCR20 (0x14)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_K_11
U_NVM_K_10
U_NVM_K_9
U_NVM_K_8
U_NVM_K_7
U_NVM_K_6
U_NVM_K_5
U_NVM_K_4
User NVM K
register bit 11
User NVM K
register bit 10
User NVM K
register bit 9
User NVM K
register bit 8
User NVM K
register bit 7
User NVM K
register bit 6
User NVM K
register bit 5
User NVM K
register bit 4
Table 170. DCR20 (0x14) description
Bit
Name
Description
15
U_NVM_K_11
14
U_NVM_K_10
13
U_NVM_K_9
12
U_NVM_K_8
11
U_NVM_K_7
10
U_NVM_K_6
9
U_NVM_K_5
8
U_NVM_K_4
Table 171. DCR20 (0x14) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
LOW_SET_3 LOW_SET_2 LOW_SET_1 LOW_SET_0
CRC3
CRC2
CRC1
CRC0
LOW set bit 3 LOW set bit 2 LOW set bit 1 LOW set bit 0
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 172. DCR20 (0x14) LSB description
Bit
Name
Description
7
LOW_SET_3
Long open window duration
0000: 319 ms max
0001: 479 ms max
0010: 638 ms max
0011: 1025 ms max
0100: 115 ms max
0101: 159 ms max
0110: 230 ms max
0111: 460 ms max
1000-1011: 2300 ms max
SPSB100
SPI registers
DS14640 - Rev 2
page 153/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com