Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 151 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 151 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 147Page - STMicroelectronics SPSB100PTR Datasheet HTML 148Page - STMicroelectronics SPSB100PTR Datasheet HTML 149Page - STMicroelectronics SPSB100PTR Datasheet HTML 150Page - STMicroelectronics SPSB100PTR Datasheet HTML 151Page - STMicroelectronics SPSB100PTR Datasheet HTML 152Page - STMicroelectronics SPSB100PTR Datasheet HTML 153Page - STMicroelectronics SPSB100PTR Datasheet HTML 154Page - STMicroelectronics SPSB100PTR Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 213 page
background image
Table 160. DCR18 (0x12) LSB description
Bit
Name
Description
7
PD_WAIT_DEL_OFF_2_1
Power-down delay at step 2
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
6
PD_WAIT_DEL_OFF_2_0
5
PD_WAIT_DEL_OFF_1_1
Power-down delay at step 1
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
4
PD_WAIT_DEL_OFF_1_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 161. DCR19 (0x13) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
U_NVM_RELEASE_15
U_NVM_RELEASE_14
U_NVM_RELEASE_13
U_NVM_RELEASE_12
Reserved
Reserved
Reserved
Reserved
User NVM release bit 15
User NVM release bit 14
User NVM release bit 13
User NVM release bit 12
Table 162. DCR19 (0x13) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
U_NVM_RELEASE_15
User NVM regs
Can be emulated when FSM in U_PROG_1 state
(available for customer to identify the user NVM release)
18
U_NVM_RELEASE_14
17
U_NVM_RELEASE_13
16
U_NVM_RELEASE_12
Table 163. DCR19 (0x13)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_RELEASE_11
U_NVM_RELEASE_10
U_NVM_RELEASE_9
U_NVM_RELEASE_8
U_NVM_RELEASE_7
U_NVM_RELEASE_6
U_NVM_RELEASE_5
U_NVM_RELEASE_4
User NVM release bit 11
User NVM release bit 10
User NVM release bit 9
User NVM release bit 8
User NVM release bit 7
User NVM release bit 6
User NVM release bit 5
User NVM release bit 4
SPSB100
SPI registers
DS14640 - Rev 2
page 151/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com