Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 145Page - STMicroelectronics SPSB100PTR Datasheet HTML 146Page - STMicroelectronics SPSB100PTR Datasheet HTML 147Page - STMicroelectronics SPSB100PTR Datasheet HTML 148Page - STMicroelectronics SPSB100PTR Datasheet HTML 149Page - STMicroelectronics SPSB100PTR Datasheet HTML 150Page - STMicroelectronics SPSB100PTR Datasheet HTML 151Page - STMicroelectronics SPSB100PTR Datasheet HTML 152Page - STMicroelectronics SPSB100PTR Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 213 page
background image
Table 153. DCR17 (0x11) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
NFSO_STATE_IN_DEEP_SLEEP
U_NVM_H_2
U_NVM_H_1
BOOST_DIS
CRC3
CRC2
CRC1
CRC0
Set NFSO default state in DEEP-
SLEEP bit
User NVM H
register bit 2
User NVM H
register bit 1
BOOST
disable bit
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 154. DCR17 (0x11) LSB description
Bit
Name
Description
7
NFSO_STATE_IN_DEEP_SLEEP
1: NFSO pin is high when FSM is in DEEP-SLEEP state
0: NFSO pin is low when FSM is in DEEP-SLEEP state
6
U_NVM_H_2
5
U_NVM_H_1
4
BOOST_DIS
1: Disable boost
0: Boost is not disabled and depends on BOOST_OFF control bit
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 155. DCR18 (0x12) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
PD_WAIT_VREG_DEL_OFF_1
PD_WAIT_VREG_DEL_OFF_0
PD_WAIT_DEL_OFF_7_1
PD_WAIT_DEL_OFF_7_0
Reserved
Reserved
Reserved
Reserved
Pull-down wait VREG delay off bit 1
Pull-down wait VREG delay off bit 0
Pull-down wait delay off 7 bit 1
Pull-down wait delay off 7 bit 0
Table 156. DCR18 (0x12) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
PD_WAIT_VREG_DEL_OFF_1
Power-down delay for Vreg
00: 2 ms
01: 5 ms
10: 10 ms
11: 20 ms
18
PD_WAIT_VREG_DEL_OFF_0
17
PD_WAIT_DEL_OFF_7_1
Power-down delay at step 7
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
SPSB100
SPI registers
DS14640 - Rev 2
page 149/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com