Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1M
10M
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
AV = 2V/V
RL = 150:
1M
10M
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
AV = 1V/V
RL = 150:
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 2V/V
RL = 150:
REF
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 2V/V
RL = 1 k:
REF
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 1V/V
RL = 150:
REF
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, RL = 150Ω, CL = 12 pF. Small Signal Input Signal = 20
mVPP, Medium Signal Input Signal = 200 mVPP , Large Signal Input Signal = 750 mVPP
Differential Gain
Differential Gain
0.6V Output Level = 0 IRE
0.6V Output Level = 0 IRE
1.3V Output Level = 100 IRE
1.3V Output Level = 100 IRE
Figure 45.
Figure 46.
Differential Gain
Harmonic Distortion
0.6V Output Level = 0 IRE
1.3V Output Level = 100 IRE
Figure 47.
Figure 48.
Harmonic Distortion
Figure 49.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com