Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LMH6586
LMH6586
LMH6586
LMH6586
OUTPUT
(0-15)
INPUT
(0-31)
INPUT
(32-63)
INPUT
(64-95)
INPUT
(96-127)
75:
75:
75:
75:
16
16
16
16
32
32
32
32
LMH6586
SNCS105D – JULY 2008 – REVISED MARCH 2013
www.ti.com
Figure 53. 128 x 16 Crosspoint Array
DRIVING CAPACITIVE LOAD
When many outputs are wired together, as in the case of expansion, each output buffer sees the normal load
impedance as well as the impedance the other shutdown outputs. This impedance has a resistive and a
capacitive component. The resistive components reduce the total effective load for the driving output. Total
capacitance is the sum of the capacitance of all the outputs and depends on the size of the matrix. As the size of
the matrix increases, the length of the PC board traces also increases, adding more capacitance. The output
buffers have been designed to drive more than 30 pF of capacitance while still maintaining a good AC response.
If the output capacitance exceeds this amount then the AC response will be degraded. To prevent this, one
option is to reduce the number of output wired-or together by using more LMH6586 device. Another option is to
put a resistor in series with the output before the capacitive load to limit excessive ringing and oscillations.
A low pass filter is created from the series resistor (R) and parasitic capacitance (C) to ground. A single R-C
does not affect the performance at video frequencies, however, in large system, there may be many such R-Cs
cascaded in series. This may result in high frequency roll-off resulting in “softening of the picture”. There are two
solutions to improve performance in this case. One way is to design the PC board traces with some inductance
between the R and C elements. By routing the traces in a repeating “S” configuration, the traces that are nearest
each other will exhibit a mutual inductance increasing the total inductance. This series inductance causes the
amplitude response to increase or peak at higher frequencies, offsetting the roll-off from the parasitic
capacitance. Another solution is to add a small-value inductor between the R and C elements to add peaking to
the frequency response.
THERMAL MANAGEMENT
The LMH6586 operates on a 5V supply and draws a load current of approximately 300 mA. Thus it dissipates
approximately 1.75W of power. In addition, each equivalent video load (150
Ω) connected to the outputs should
be budgeted 30 mW of power consumption.
The following calculations show the thermal resistance,
θJA, required, to ensure safe operation and to prevent
exceeding the maximum junction temperature, given the maximum power dissipation.
PDMAX = (TJMAX – TAMAX)/θJA
where
•
TJMAX = Maximum junction temperature = 150°C
•
TAMAX = Maximum ambient temperature = +85°C
•
θJA = Thermal resistance of the package
(1)
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com