Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LMH6586
SNCS105D – JULY 2008 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin #
Pin Name
Pin Description
48
VIN_5
VIDEO INPUT 5
49
VIN_6
VIDEO INPUT 6
50
VIN_7
VIDEO INPUT 7
51
GND
GND
52
VDD
VDD (connect to 5V supply)
53
VIN_8
VIDEO INPUT 8
54
VIN_9
VIDEO INPUT 9
55
VIN_10
VIDEO INPUT 10
56
VIN_11
VIDEO INPUT 11
57
VIN_12
VIDEO INPUT 12
58
VIN_13
VIDEO INPUT 13
59
VIN_14
VIDEO INPUT 14
60
VIN_15
VIDEO INPUT 15
61
GAIN
GAIN SELECT INPUT (set low for 1X gain, or set high for 2X gain)
62
VDD
VDD (connect to 5V supply)
63
GND
GND
64
VBIAS 2
VBIAS 2 (connect to external 0.1 µF capacitor)
65
VREF_SYNC
SYNC DETECTION THRESHOLD VOLTAGE INPUT (bias to 350 mVDC, recommended)
66
VREF_CLAMP
DC RESTORE CLAMP VOLTAGE INPUT (bias to 300 mVDC, recommended)
67
R_EXT
R_EXT BIAS RESISTOR (connect to external 10 k
Ω 1% resistor)
68
GND
GND
69
VDD
VDD (connect to 5V supply)
70
PWDN
POWER DOWN INPUT (set low for normal operation, set high to power down all video I/O
blocks and I2C interface)
71
ADDR [0]
I2C SLAVE ADDRESS BIT 0 INPUT (set low for bit0 = 0, or set low for bit0 = 1)
72
ADDR [1]
I2C SLAVE ADDRESS BIT 1 INPUT (set low for bit1 = 0, or set low for bit1 = 1)
73
SDA
I2C DATA IN/OUT (requires external pull-up resistor to DVDD supply)
74
SCL
I2C CLOCK INPUT (requires external pull-up resistor to DVDD supply)
75
FLAG
DETECTION FLAG OUTPUT (active high)
76
DVDD
DIGITAL VDD (connect to 5V supply)
77
DVSS
DIGITAL GND
78
GND
GND
79
VDD
VDD (connect to 5V supply)
80
RESET
RESET INPUT (set low for normal operation, set high to reset device registers to default
settings)
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com