Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 29Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 30Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 31Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 32Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 33Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 34Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 35Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
80X
0.27
0.17
76X 0.5
PIN 1 ID
0.05 MIN
4X 9.5
TYP
14.2
13.8
(0.13) TYP
B
12.2
11.8
A
12.2
11.8
0.75
0.45
0.25
GAGE PLANE
0 -7
1.2 MAX
(1)
PLASTIC QUAD FLATPACK
TQFP - 1.2 mm max height
PFC0080A
PLASTIC QUAD FLATPACK
4215165/B 06/2017
0.08
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026.
1
20
21
40
41
60
61
80
0.08
C A B
SEE DETAIL A
SEATING PLANE
DETAIL A
SCALE: 14
DETAIL A
TYPICAL
SCALE 1.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com