Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
PDMAX = VS x ISMAX +
6 (VS ± VOUTi) x
VOUTi
RLi
n
i = 1
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
The maximum power dissipation actually produced by an IC is the total quiescent supply current times the total
power supply voltage, plus the power in the IC due to the load, or:
where
•
VS = Supply voltage = 5V
•
ISMAX = Maximum quiescent supply current = 300 mA
•
VOUT = Maximum output voltage of the application = 2.6V
•
RL = Load resistance tied to ground = 150Ω
•
n = 1 to 16 channels
(2)
Calculating:
PDMAX = 2.2656
The required
θJA to dissipate PDMAX is = (TJMAX – TAMAX)/PDMAX
The table below shows the
θJA values with airflow and different heatsinks.
LMH6586VS 80-Pin TQFT
0 LFPM
0 LFPM
0 LFPM
0 LFPM @2.8 225 LFPM @
500 LFPM @
LMHXPT
@ 0.50 watt
@ 1.0 watt
@ 2.0 watt
watt
2.8 watt
2.8 watt
Analog Video Crosspoint Board
NO Heat Sink
32.2
30.9
29.4
28.6
26.8
25.3
Small Tower
25.5
24.6
23.6
22.9
19.2
15.9
x y = 9.57x9.69 mm/ht. 6.28 mm
Aluminum 12 rail
25.2
24.1
23.0
22.2
16.4
14.2
x y = 9.82x10.73 mm/ht.10.07 mm
Anodized 9 rail
24.4
23.3
22.1
21.3
15.6
13.6
x y = 6.10x7.30 mm/ht. 13.67 mm
Round Tower
24.2
23.9
22.9
22.4
18.2
15.4
diameter = 14.35 mm/ht. 4.47 mm
REXT RESISTOR
The REXT external resistor (pin 67) establishes the internal bias current and precise reference voltage for the
LMH6586. For optimal performance, REXT should be a 10 k
Ω 1% precision resistor with a low temperature
coefficient to ensure proper operation over a wide temperature range. Using a REXT resistor with less precision
may result in reduced performance against temperature, supply voltage, input signal, or part-to-part variations.
SYNC SEPARATOR OUTPUT
In addition to the 16 video outputs, the LMH6586 has an extra output (V_OUT16) which can select any input
channel. This channel's output buffer only has a gain of 1 since it is not meant to drive a 150
Ω video load.
Instead, this video output can be AC coupled to a non-terminated input of an external video sync separator, such
as TI's LMH1980 or LMH1981. The sync separator can extract the synchronization (sync) timing signals, which
can be useful for video triggering or phase-locked loop (PLL) clock generation circuits. Refer to the LMH1980 or
LMH1981 datasheet for more information about these sync separator devices.
I
2C INTERFACE
A microcontroller can be used to configure the LMH6586 via the I2C interface. The protocol of the interface
begins with a start pulse followed by a byte comprised of a seven-bit slave device address and a read/write bit as
the LSB. The two lowest bits of the seven-bit slave address are defined by the external connections of inputs
ADDR[1] (pin 72) and ADDR[0] (pin 71), where ADDR[0] is the least significant bit. Because there are four
different combinations of the two ADDR pins, it's possible to have up to four different LMH6586 devices with
unique slave addresses on a common I2C bus. See I2C Device Slave Address Lookup Table.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com