Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 29Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LMH6586
SNCS105D – JULY 2008 – REVISED MARCH 2013
www.ti.com
Video and Sync Detection Enable Registers:
Registers 0x10 to 0x13 contain the video detection enable bits and registers 0x14 to 0x17 contain the sync
detection enable bits for all input channels. Any input (m) has both a video detection enable bit (VD_EN_m) and
a sync detection enable bit (SD_EN_m). When any enable bit is set low, the respective status bit will be excluded
from the OR-ing function used to set the FLAG output; otherwise, when the enable bit is set high, the respective
status bit will be included in the FLAG output function. Therefore, the FLAG will only logical-OR the status bits of
the channel(s) and type(s) of detection that are specifically enabled by the user as described in DETECTION
FLAG OUTPUT.
Video Detection Threshold Control Register
The video threshold voltage level is common to all 32 input channels and is selectable by programming VDT[2:0]
in register 0x1D. As shown in Table 1, the three LSBs (bits 2:0) of this register can be used to set the threshold
level in 95 mV steps (typical) above to the sync tip level of the DC-restored input. Refer to VIDEO DETECTION
for more information.
Input and Output Shutdown Registers
Each input channel and each output channel can be individually placed in shutdown (power save) mode to
reduce power consumption. Registers 0x18 to 0x1B contain the input shutdown bits (IN_PS_m) and registers
0x1E and 0x1F contain the output shutdown bits (OUT_PS_n), where “m” is any input channel and “n” is any
output channel. To place any input or output channel in shutdown mode, the respective bit should be set high;
otherwise, it should be set low for normal input or output operation. When in shutdown mode, the buffer (input or
output) will be placed in a high-impedance state.
Note: To put the entire device in power save mode, the PWDN input (pin 70) should be set high; otherwise, it
should be set low for normal operation.
Video Input Selection Registers
Registers 0x20 to 0x30 are used to control the routing of the crosspoint switch. Each output has a dedicated
input selection register, which can be programmed to select any input channel for routing to its respective output.
LMH6586 REGISTER MAP
Table 3. Video and Sync Detection Status Registers
Register
Address
R/W
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC DETECT OUT
0x00h
R
SD_7
SD_6
SD_5
SD_4
SD_3
SD_2
SD_1
SD_0
(CH 0-7)
SYNC DETECT OUT
0x01h
R
SD_15
SD_14
SD_13
SD_12
SD_11
SD_10
SD_9
SD_8
(CH 8-15)
SYNC DETECT OUT
0x02h
R
SD_23
SD_22
SD_21
SD_20
SD_19
SD_18
SD_17
SD_16
(CH 16-23)
SYNC DETECT OUT
0x03h
R
SD_31
SD_30
SD_29
SD_28
SD_27
SD_26
SD_24
SD_24
(CH 24-31)
VIDEO DETECT OUT
0x04h
R
VD_7
VD_6
VD_5
VD_4
VD_3
VD_2
VD_1
VD_0
(CH 0-7)
VIDEO DETECT OUT
0x05h
R
VD_15
VD_14
VD_13
VD_12
VD_11
VD_10
VD_9
VD_8
(CH 8-15)
VIDEO DETECT OUT
0x06h
R
VD_23
VD_22
VD_21
VD_20
VD_19
VD_18
VD_17
VD_16
(CH 16-23)
VIDEO DETECT OUT
0x07h
R
VD_31
VD_30
VD_29
VD_28
VD_27
VD_26
VD_24
VD_24
(CH 24-31)
26
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com