Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
2500V
Machine Model
250V
Supply Voltage (VDD)
5V
Video Input Voltage Range, VIN
−0.3V to VDD +0.3V
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Operating Ratings
(1) (2)
Supply Voltage (VDD)
5V ± 10%
Ambient Temperature Range
−40°C ≤ TA ≤ 85°C
θJA
25°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
The maximum power dissipation is a function of TJ(MAX) and θJA. The maximum allowable power dissipation at any ambient temperature
is PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, VREF_CLAMP = 300 mV, RL =
150
Ω, CL = 12 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Specifications
VDD
Operating Supply Voltage
4.5
5.5
V
IDD
Supply Current
No Load, AV = 1 V/V
300
360
mA
Power Save Supply Current
No Load, AV = 1 V/V, SCL= SDA=
1.5
mA
PWDN= DVDD
AV
Gain
2x Gain Buffer
1.92
2.00
2.07
V/V
1x Gain Buffer
0.95
0.99
1.03
ΔAV_CH-CH Gain Matching (Ch to Ch)
AV = 1 V/V
1.2
3
%
VOS
Output Offset Voltage
AV = 1 V/V, No Load (referenced to DC
60
mV
restored input)
VDET_LSB
Video Detection Threshold LSB
85
95
105
mV
VDET
Video Detection Threshold Offset
Video detection threshold offset
±50
mV
measured above sync tip level of DC
restored input
AC Specifications
BWSS
Small Signal Bandwidth (
−3 dB)
VOUT = 20 mVPP
66
MHz
BWLS
Large Signal Bandwidth (
−3 dB)
VOUT = 1.5 VPP
29
MHz
tr/tf
Rise/Fall Time
10% to 90%, VOUT = 2 VPP
35
ns
tp
Propagation Delay
50% to 50%, VOUT = 2 VPP
5
ns
tpCh-Ch
Ch-Ch Propagation Delay
50% to 50%, VOUT = 2 VPP
5
ns
(1)
All voltages are measured with respect to GND, unless otherwise specified.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com