Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 134 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 130Page - STMicroelectronics L99LDLH32 Datasheet HTML 131Page - STMicroelectronics L99LDLH32 Datasheet HTML 132Page - STMicroelectronics L99LDLH32 Datasheet HTML 133Page - STMicroelectronics L99LDLH32 Datasheet HTML 134Page - STMicroelectronics L99LDLH32 Datasheet HTML 135Page - STMicroelectronics L99LDLH32 Datasheet HTML 136Page - STMicroelectronics L99LDLH32 Datasheet HTML 137Page - STMicroelectronics L99LDLH32 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 142 page
background image
Package information
L99LDLH32
134/142
DS12879 Rev 6
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
10.1
QFN48L 7x7 package outline
Figure 88. Package outline
7446345_G_V0 (Opt. D)
COPLANARITY SHALL NOT EXCEED 0.08 mm.
1. ALL DIMENSIONS ARE IN mm. ANGLES IN DEGREES.
3. WARPAGE SHALL NOT EXCEED 0.10 mm.
2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTE :
4. REFER JEDEC MO-220.
24
12
48
36
E
A
A1
1
INDEX AREA
C
ddd
48X
C
0.10 C
B
A
A3
DETAIL A
0.20 Ref
Terminal Length
DETAIL A
0.5±0.05
0.05 Ref
Terminal Thickness
b
12
48
36
24
L
e
1
R0.125
E2
E2
C0.35
0.48 Ref.
0.18 Ref.
0.30 Ref.
A
0.10 M C
B
48X
GAPGPS03449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com