Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 131 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 127Page - STMicroelectronics L99LDLH32 Datasheet HTML 128Page - STMicroelectronics L99LDLH32 Datasheet HTML 129Page - STMicroelectronics L99LDLH32 Datasheet HTML 130Page - STMicroelectronics L99LDLH32 Datasheet HTML 131Page - STMicroelectronics L99LDLH32 Datasheet HTML 132Page - STMicroelectronics L99LDLH32 Datasheet HTML 133Page - STMicroelectronics L99LDLH32 Datasheet HTML 134Page - STMicroelectronics L99LDLH32 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 142 page
background image
DS12879 Rev 6
131/142
L99LDLH32
Electrical characteristics
141
VDOM_RANGE
Static differential dominant input
level voltage range
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
0.9
8
V
VTH_REC
Differential receiver switching
threshold voltage - dominant to
recessive state
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
0.5
0.9
V
VREC_RANGE
Static differential recessive input
level voltage range
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
-5
0.5
V
VTH_DOM_LP
Differential receiver switching
threshold voltage recessive to
dominant state – standby mode
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
0.4
1.15
V
VDOM_RANGE_LP
Static differential dominant input
level voltage range – standby mode
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
0.9
8
V
VTH_REC_LP
Differential receiver switching
threshold voltage dominant to
recessive state – standby mode
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
0.4
1.15
V
VREC_RANGE_LP
Static differential recessive input
level voltage range – standby mode
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
-3
0.5
V
RDIFF
Differential internal resistance
No Load
RDIFF = RCAN_H + RCAN_L
-2 V ≤ VCAN_H ≤ +5,0 V;
-2 V ≤ VCAN_L ≤ +5,0 V
12
100
kΩ
RCAN_H, CAN_L
Single Ended Internal resistance
No Load
-2 V ≤ VCAN_H ≤ +5,0 V;
-2 V ≤ VCAN_L ≤ +5,0 V
650
kΩ
mR
Internal Resistance matching
RCAN_H,CAN_L
Biasing active;
No Load
mR = 2 x (RCAN_H -
RCAN_L) / (RCAN_H +
RCAN_L);
VCAN_H = +5,0 V;
VCAN_L = +5,0 V
-0.03
0.03
tLOOP_HighToLow
Loop delay TXD to RXD - High to
Low
5.5 V < VS < 18 V;
RL=60 Ω ±1%;
CL = 100 pF;
30% VTXD – 30% VRXD; 
TXD fall time = 10 ns
(90% - 10%); (3)
255
ns
tLOOP_LowToHigh
Loop delay TXD to RXD - Low to
High
5.5 V < VS < 18 V;
RL=60 Ω ±1%;
CL = 100 pF;
70% VTXD – 70% VRXD; 
TXD rise time = 10 ns
(10% - 90%);(3)
255
ns
Table 82. CAN FD Light compatible transceiver (continued)
Symbol
Parameter
Test conditions
Min
Typ Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com