Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 128 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 124Page - STMicroelectronics L99LDLH32 Datasheet HTML 125Page - STMicroelectronics L99LDLH32 Datasheet HTML 126Page - STMicroelectronics L99LDLH32 Datasheet HTML 127Page - STMicroelectronics L99LDLH32 Datasheet HTML 128Page - STMicroelectronics L99LDLH32 Datasheet HTML 129Page - STMicroelectronics L99LDLH32 Datasheet HTML 130Page - STMicroelectronics L99LDLH32 Datasheet HTML 131Page - STMicroelectronics L99LDLH32 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 142 page
background image
Electrical characteristics
L99LDLH32
128/142
DS12879 Rev 6
tPOR_DELAY
Time needed after POR,
before configuring the
device (all outputs kept
off during this time)
Guaranteed by
scan
00
0
ms
01
25
10
50
11
100
tDIAG_BLANK_x
Blanking time - for
diagnostic validation
Guaranteed by
scan
00
50
µs
01
100
10
150
11
200
tFTP_WR
FTP memory writing time
Guaranteed by
scan
12
mS
tDIN_FALL
DIN falling edge setting
time - for fault clearing
Guaranteed by
scan
10
mS
Table 79. Digital timings (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 80. ADC characteristics
Symbol
Parameter
Test
conditions
Min
Typ
Max
Unit
ADCRES
ADC resolution
8
bit
ADCCONV_TIME
ADC conversion time
1.6
µs
ADCFS_VOUTx
ADC full scale for VOUTx
40
V
ADCSTEP_VOUTx
ADC step for VOUTx
157
mV
ADCFS_VPRE_REG
ADC full scale for VPRE_REG
40
V
ADCSTEP_ VPRE_REG
ADC step for VPRE_REG
157
mV
ADCFS_VS
ADC full scale for VS
40
V
ADCSTEP_ VS
ADC step for VS
157
mV
ADCFS_VNTC
ADC full scale for VNTC
2.5
V
ADCSTEP_ VNTC
ADC step for VNTC
10
mV
ADCFS_TJ
ADC full scale for TJ
2.5
V
ADCSTEP_ TJ
ADC step for TJ
10
mV
ADCINTRINSIC_ACCURACY
ADC reading accuracy for NTC,
TJ - including offset, INL, DNL
-3
3
LSB
ADCVOLTAGE_ACCURACY
ADC reading accuracy for
VOUTx, VPRE_REG, VS - including
offset, INL, DNL
-6
6
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com