Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 125 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 121Page - STMicroelectronics L99LDLH32 Datasheet HTML 122Page - STMicroelectronics L99LDLH32 Datasheet HTML 123Page - STMicroelectronics L99LDLH32 Datasheet HTML 124Page - STMicroelectronics L99LDLH32 Datasheet HTML 125Page - STMicroelectronics L99LDLH32 Datasheet HTML 126Page - STMicroelectronics L99LDLH32 Datasheet HTML 127Page - STMicroelectronics L99LDLH32 Datasheet HTML 128Page - STMicroelectronics L99LDLH32 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 142 page
background image
DS12879 Rev 6
125/142
L99LDLH32
Electrical characteristics
141
VOUT_SHT_GND_TH
Output Channel Short
To Ground - voltage
threshold
850
mV
VPG_TH_VPRE_REG_min
Minimum VPRE_REG
power good threshold -
for channel diagnostic
detection enabling
4(4)
V
VPG_TH_VPRE_REG_max
Maximum VPRE_REG
power good threshold -
for channel diagnostic
detection enabling
35
V
VPG_TH_VPRE_REG_step
VPRE_REG power good
threshold step
157
mV
VOL_TH
Open Load – voltage
threshold
Guaranteed by
ADC (VOUTx
reading) and Scan
tes
470
mV
VNTC_TH
NTC threshold voltage
– derating start
See
Table 78
VNTC_SHT
NTC threshold voltage -
short detection
185
245
315
mV
VREF_PRE_REG
External Pre-Regulator
Reference Voltage
VS = 13.5 V
VOUTmax = 12.5 V
VREF_PRE_REG =
k*(VOUTmax+1.4)
k = 0.05 (2/40)
560
695
800
mV
N_Fails
Number of
detected
failures (also
non-
consecutive) –
counter cycles
Short
Circuit
Guaranteed by
Scan
14
Open
Load
8
N_Fails_reset
Number of NOT
detected failures
(consecutive) - counter
reset
Guaranteed by
Scan
3
NFTP
Number of FTP writing
cycles.
(No integrated counter
to take note about the
FTP writing cycles)
Guaranteed by
Scan
1000
1. Upon the usage of the suggested resistance on R_REF_DAC pin.
2. New parameter, Max spread Channel to Channel: (CurentMax – CurrentMin) / CurrentMax.
3. Minimum voltage drop from device VPRE_REG to device OUTx (to guarantee programmed current regulation).
4. Any VPRE_REG value from 00h to 1Ah codes is clamped to 4 V.
Table 76. Output characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com