Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 126 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 122Page - STMicroelectronics L99LDLH32 Datasheet HTML 123Page - STMicroelectronics L99LDLH32 Datasheet HTML 124Page - STMicroelectronics L99LDLH32 Datasheet HTML 125Page - STMicroelectronics L99LDLH32 Datasheet HTML 126Page - STMicroelectronics L99LDLH32 Datasheet HTML 127Page - STMicroelectronics L99LDLH32 Datasheet HTML 128Page - STMicroelectronics L99LDLH32 Datasheet HTML 129Page - STMicroelectronics L99LDLH32 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 142 page
background image
Electrical characteristics
L99LDLH32
126/142
DS12879 Rev 6
Table 77. PWM characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
PWM_FREQ_MIN
PWM minimum frequency
200
Hz
PWM_FREQ_MAX
PWM maximum frequency
1400
Hz
PWM_FREQ_ACC
PWM frequency accuracy
Guaranteed by Scan
-5
5
%
PWM_PHASE_SHIFT_MIN
PWM minimum phase shift –
Responder mode
Guaranteed by Scan
0
µs
PWM_PHASE_SHIFT_MAX
PWM maximum phase shift –
Responder mode
Guaranteed by Scan
105
µs
PWM_PHASE_SHIFT_STEP
PWM phase shift step –
Responder mode
15
µs
tPWM_ON_OFF
Minimum PWM on-time and
off-time vs frequency
PWM_FREQ = 200 Hz
5
µs
PWM_FREQ = 300 Hz
3.3
µs
PWM_FREQ ≥ 400 Hz
2.5
µs
tSTARTUP_PWM_VS
Time needed for device
startup, from device power up
(presence of VS) to the
channel activation – PWM
dimming through power line
DIN_MAP_CHx = 01 (all
outputs mapped to Direct
Input)
DIN connected to Power
Supply = 12.5 V through
resistor divider
CURR_SET_CHx = FFh
(all outputs current set to
15 mA)
Power Supply Dimming
Frequency = 200 Hz
Power Supply Dimming
Duty Cycle = 50%
750
µs
Table 78. NTC derating start configuration – Voltage vs Temperature
Bit 2
Bit 1
Bit 0
Derating Start Temp. [°C]
VNTC_TH [V]
0
0
0
55
2.034
0
0
1
60
1.908
0
1
0
65
1.783
01
1
70
1.66
1
0
0
80
1.423
1
0
1
90
1.207
1
1
0
95
1.106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com