Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 123 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 119Page - STMicroelectronics L99LDLH32 Datasheet HTML 120Page - STMicroelectronics L99LDLH32 Datasheet HTML 121Page - STMicroelectronics L99LDLH32 Datasheet HTML 122Page - STMicroelectronics L99LDLH32 Datasheet HTML 123Page - STMicroelectronics L99LDLH32 Datasheet HTML 124Page - STMicroelectronics L99LDLH32 Datasheet HTML 125Page - STMicroelectronics L99LDLH32 Datasheet HTML 126Page - STMicroelectronics L99LDLH32 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 142 page
background image
DS12879 Rev 6
123/142
L99LDLH32
Electrical characteristics
141
IV3V3
3V3 Regulator Output
Current
VS = 13.5 V
Sink 5 mA on V3V3
pin and check the
output voltage
regulator
5mA
IV3V3_SHT
3.3 V Regulator short
circuit current
VS = 13.5 V
Force 0 V on V3V3
pin
130
167
190
mA
V3V3_POR_H
3.3 V Regulator power
on reset – high
threshold voltage
VS = 13.5 V
Force a ramp (on
V3V3 pin) from 2.3 V
to 3 V
2.7
2.8
2.9
V
V3V3_POR_L
3.3 V Regulator power
on reset – low
threshold voltage
VS = 13.5 V
Force a ramp (on
V3V3 pin) from 3 V
down to 2.3 V
2.4
2.5
2.6
V
V3V3_POR_HYST
3.3 V Regulator power
on reset – hysteresis
300
mV
VS_POR_H
Internal pre-regulator
power on reset - high
threshold voltage
2.4
2.5
2.6
V
VS_POR_L
Internal pre-regulator
power on reset - low
threshold voltage
2.2
2.3
2.4
V
VS_POR_HYST
Internal pre-regulator
power on reset -
hysteresis
200
mV
1. (CAN_H – CAN_L) < 0.4 V or (CAN_H – CAN_L) > 1.2 V.
Table 75. Supply (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com