Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 120 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics L99LDLH32 Datasheet HTML 118Page - STMicroelectronics L99LDLH32 Datasheet HTML 119Page - STMicroelectronics L99LDLH32 Datasheet HTML 120Page - STMicroelectronics L99LDLH32 Datasheet HTML 121Page - STMicroelectronics L99LDLH32 Datasheet HTML 122Page - STMicroelectronics L99LDLH32 Datasheet HTML 123Page - STMicroelectronics L99LDLH32 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 142 page
background image
Electrical characteristics
L99LDLH32
120/142
DS12879 Rev 6
8.2
ESD protection
Table 71. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Input supply pin of the IC
-0.3 ÷ 40
V
VOUT_X
Output Pin for CHx (x=0÷31)
-0.3 ÷ VPRE_REG
VPRE_REG
Pre-Regulator (external) Voltage
0 ÷ 35
V5V
5V Regulator (internal) output voltage
-0.3 ÷ 7
V3V3
3V3 Regulator (internal) output voltage
-0.3 ÷ 4.6
VNTC
NTC analog input voltage
-0.3 ÷ V3V3+0.3
VDIN
Direct input pin voltage
-0.3 ÷ V5V+0.3
VFAULT
Diagnostic I/O pin voltage
-0.3 ÷ V3V3+0.3
VSYNC_I/O
Synchronization I/O pin voltage
-0.3 ÷ V3V3+0.3
VCAN_H, VCAN_L
Can bus terminal voltage
-27 ÷ 40
VCANH - VCANL
Differential CAN-Bus voltage
-5 to +10
VCS
Chip select input pin voltage
-0.3 ÷ 7
VTEST
Test pin voltage
-0.3 ÷ V3V3+0.3
VREF_PRE_REG
Reference pin (for external Pre-regulators) voltage
-0.3 ÷ V3V3+0.3
VR_REF_DAC
External resistor (for DACs ref) pin voltage
-0.3 ÷ V3V3+0.3
VPWM_DC_1/2
PWM DC setting pin voltage
-0.3 ÷ V5V+0.3
NFTP
Number of FTP writing cycles
(No integrated counter taking note about the FTP
writing cycles).
1000
Table 72. ESD protection
Parameter
Value
Unit
Electrostatic Discharge Test (AECQ100-002-E) - all pins(1)
+/-2
kV
Electrostatic Discharge Test (AECQ100-002-E) - all output pins(2)
+/-4
kV
Charge Device Model (CDM-AEC-Q100-011) - all pins
+/-500
V
Charge Device Model (CDM-AEC-Q100-011) - corner pins
+/-750
V
Machine Model (3) – all pins
+/-150
V
1. Included CAN_H and CAN_L.
2. VS, GND.
3. According to Machine Model: C = 200 pF; R = 0 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com