Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 119 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 115Page - STMicroelectronics L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics L99LDLH32 Datasheet HTML 118Page - STMicroelectronics L99LDLH32 Datasheet HTML 119Page - STMicroelectronics L99LDLH32 Datasheet HTML 120Page - STMicroelectronics L99LDLH32 Datasheet HTML 121Page - STMicroelectronics L99LDLH32 Datasheet HTML 122Page - STMicroelectronics L99LDLH32 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 142 page
background image
DS12879 Rev 6
119/142
L99LDLH32
Electrical characteristics
141
8
Electrical characteristics
Unless otherwise specified, the operating battery voltage and junction temperature ranges
are 5.5 V < VS < 28 V, -40 °C < Tj < 150 °C.
The device is still operative and functional at higher temperatures (up to 175°C). Voltages
are referred to ground and currents are assumed positive when the current flows into the
pin.
The device is operated in the specified operating range, unless otherwise specified.
Note:
Parameter limits at temperatures higher than 150 °C may change with respect to what is
specified as per the standard temperature range. Device functionality at high temperature is
guaranteed by characterization.
8.1
Absolute maximum ratings
Stressing the device above the "Absolute maximum ratings" may cause permanent damage
to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com