Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 115 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 111Page - STMicroelectronics L99LDLH32 Datasheet HTML 112Page - STMicroelectronics L99LDLH32 Datasheet HTML 113Page - STMicroelectronics L99LDLH32 Datasheet HTML 114Page - STMicroelectronics L99LDLH32 Datasheet HTML 115Page - STMicroelectronics L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics L99LDLH32 Datasheet HTML 118Page - STMicroelectronics L99LDLH32 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 142 page
background image
DS12879 Rev 6
115/142
L99LDLH32
FTP and RAM memory mapping
141
87-86
WD_CONF
0
Watchdog timeout period t_WD
00: 50 ms
01: 100 ms
10: 200 ms
11: 25 ms
85
VREF_PRE_REG
0
VREF_PRE_REG enable
0 (default): VREF_PRE_REG feedback reference
voltage generation is enabled
1: VREF_PRE_REG feedback reference voltage
generation is disabled
84-83
Reserved
82-80
VNTC_TH
0
NTC voltage threshold related to the start of
derating
000: 2,034 V (55 °C)
001: 1,908 V (60 °C)
010: 1,783 V (65 °C)
011: 1,660 V (70 °C)
100: 1,423 V (80 °C)
101: 1,207 V (90 °C)
110: 1,106 V (95 °C)
111: 1,013 V (100 °C)
79-72
Reserved
71-69
PWM_FREQ_DIN
0
PWM frequency:
000: 200 Hz
001: 300 Hz
010: 400 Hz
011: 500 Hz
100: 700 Hz
101: 1000 Hz
110: 1200 Hz
111: 1400 Hz
68
OL_EN
0
Enable Open load fault propagation of Group 1 on
Fault pin
0: open load propagation to Fault pin disabled
1: open load propagation to Fault pin enabled
67-66
Reserved
65
FAULT_REACT_MODE_01
0
Fault reaction mode Group 01:
0: Fault on one string, all strings of the same group
are turned off
1: Fault on one string, no action on other strings of
same Group
Table 69. Row_12 (continued)
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com