Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 114 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 110Page - STMicroelectronics L99LDLH32 Datasheet HTML 111Page - STMicroelectronics L99LDLH32 Datasheet HTML 112Page - STMicroelectronics L99LDLH32 Datasheet HTML 113Page - STMicroelectronics L99LDLH32 Datasheet HTML 114Page - STMicroelectronics L99LDLH32 Datasheet HTML 115Page - STMicroelectronics L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics L99LDLH32 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
114/142
DS12879 Rev 6
7.2.7
Device FTP Configuration - Row_12
Figure 86. Device FTP Configuration - Row_12
Address 0xCh
Access
R/W
Data Byte 15
Data Byte 0
bit
127
bit
126
bit
125
bit
124
bit
123
bit
122
bit
121
bit
120
..........................................
bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
Reserved
PWM_DUTY_ALL
Table 69. Row_12
Bit
Name
Default
Description
127-120
Reserved
119-117
DITHERING
0
See Table 39
116-112
CAN SAMPLING POINT
0
See Table 70
111-104
Reserved
103-96
PG_TH_VPRE_REG
0
Power Good Threshold for VPRE_REG adjustable
in 157 mV steps (as in the RAM, see Table 37)
95-93
Reserved
92
SYNC_I/O_M/S
0
Commander/Responder SYNC_I/O:
Synchronization of PWM
frequency and phase between Commander and
Responder Devices
1: Responder Mode selected. SYNC_I/O is input.
Clock
frequency and phase signal on the SYNC_I/O line
is used
to synchronize own clock
0 (default): Commander Mode selected. SYNC_I/O
is output.
Device Clock frequency with scaler and phase
signal is
transfered to the SYNC_I/O line
91-90
POR_DELAY
0
Power on Reset Delay Time t_POR_DELAY; delay
time before activating outputs
in Fail Safe / Stand alone mode after POR
00: 0 ms
01: 25 ms
10: 50 ms
11: 100 ms
89
Reserved
88
STH_DET_EN
0
Short circuit detection for channels mapped to
VPRE_REG
0: short circuit detection disabled
1: short circuit detection enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com