Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 113 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 109Page - STMicroelectronics L99LDLH32 Datasheet HTML 110Page - STMicroelectronics L99LDLH32 Datasheet HTML 111Page - STMicroelectronics L99LDLH32 Datasheet HTML 112Page - STMicroelectronics L99LDLH32 Datasheet HTML 113Page - STMicroelectronics L99LDLH32 Datasheet HTML 114Page - STMicroelectronics L99LDLH32 Datasheet HTML 115Page - STMicroelectronics L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 142 page
background image
DS12879 Rev 6
113/142
L99LDLH32
FTP and RAM memory mapping
141
7.2.5
Device FTP Configuration - Row_4
Figure 84. Device FTP Configuration - Row_4
7.2.6
Device FTP Configuration - Row_11
Figure 85. Device FTP Configuration - Row_11
Address 0x4h
Access
R/W
Data Byte 15
Data Byte 0
bit
127
bit
126
bit
125
bit
124
bit
123
bit
122
bit
121
bit
120
..........................................
bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
Reserved
CURR_SET_CH <24-31>
(first 8 bits out of 64 bits in total)
Table 67. Row_4
Bit
Name
Default
Description
127-96
Reserved
95-80
DIN_MAP_CH <24-31>
0
0: OUTx NOT mapped
1: OUTx mapped on DIN
79-72
FS_OUT_EN31_24
0
0: OUTx according to DIN_MAP_CHx
1: OUTx permanently ON
71-64
Reserved
63-0
CURR_SET_CH <24-31>
0
Linear individual analogue dimming for
Channels 24-31 in 1/256 steps
00h: 1.00 mA
01h: 1.05 mA
7Fh: 7.97 mA
FFh: 15.00 mA
Address 0xBh
Access
R
Data Byte 15
Data Byte 0
bit
127
bit
126
bit
125
bit
124
bit
123
bit
122
bit
121
bit
120
..........................................
bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
Reserved
Encrypted Traceability Code
(first 8 bits out of 120 bits in total)
Table 68. Row_11
Bit
Name
Default
Description
127-120
Reserved
119-0
ENCRYPTED
TRACEABILITY CODE - 120 bits
0
Traceability Code - Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com