Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 117 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 113Page - STMicroelectronics L99LDLH32 Datasheet HTML 114Page - STMicroelectronics L99LDLH32 Datasheet HTML 115Page - STMicroelectronics L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics L99LDLH32 Datasheet HTML 118Page - STMicroelectronics L99LDLH32 Datasheet HTML 119Page - STMicroelectronics L99LDLH32 Datasheet HTML 120Page - STMicroelectronics L99LDLH32 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 142 page
background image
DS12879 Rev 6
117/142
L99LDLH32
FTP and RAM memory mapping
141
32
PWM_FS_ALL_EN
0
Enable bit of internal PWM dimming in Fail Safe /
Stand
Alone Mode for Group 01:
0: internal PWM dimming disabled
1: internal PWM dimming enabled
(PWM_DUTY_ALL FTP value with
PWM_FREQ_DIN FTP Value)
31-16
Reserved
15-8
PWM_DUTY_ALL_ALT
0
Alternative Exponential global PWM dimming for
outputs mapped to DIN (only applicable in Fail Safe
mode, see formula at page 27)
7-0
PWM_DUTY_ALL
0
Exponential global PWM dimming for outputs
mapped to DIN in Fail Safe mode (see formula at
pag. 27).
Default values of Linear global PWM dimming for
outputs mapped to DIN in Normal/Bus mode
adjustable in 1/256 steps
00h: 0.0%
7Fh: 49.8%
FFh: 100%
Table 69. Row_12 (continued)
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com