Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 116 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 112Page - STMicroelectronics L99LDLH32 Datasheet HTML 113Page - STMicroelectronics L99LDLH32 Datasheet HTML 114Page - STMicroelectronics L99LDLH32 Datasheet HTML 115Page - STMicroelectronics L99LDLH32 Datasheet HTML 116Page - STMicroelectronics L99LDLH32 Datasheet HTML 117Page - STMicroelectronics L99LDLH32 Datasheet HTML 118Page - STMicroelectronics L99LDLH32 Datasheet HTML 119Page - STMicroelectronics L99LDLH32 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
116/142
DS12879 Rev 6
64
FAULT_REACT_MODE_00
0
Fault reaction mode Group 00:
0: Fault on one string, all strings of the same group
are turned off
1: Fault on one string, no action on other strings of
same Group
63-56
Reserved
55
SHT_EN
0
Enable Short circuit fault propagation of Group 1 on
Fault pin
0: Short circuit propagation to Fault pin disabled
1: short circuit propagation to Fault pin enabled
54
SHT_OFF_01
0
Output deactivation in case of Short Circuit
detection for Group 01:
0: Output deactivation disabled
1: Output deactivation enabled
53
SHT_OFF_00
0
Output deactivation in case of Short Circuit
detection for Group 00
0: Output deactivation disabled
1: Output deactivation enabled
52-44
Reserved
43-42
DIAG_BLANK_01
0
Diagnostic blanking time after rising edge (included
PWM) for Group 01:
00: 50 μs
01: 100 μs
10: 150 μs
11: 200 μs
41-40
DIAG_BLANK_00
0
Diagnostic blanking time after rising edge (included
PWM) for Group 00
00: 50 μs
01: 100 μs
10: 150 μs
11: 200 μs
39-37
PHASE_DEV
0
PWM phase shift in Responder mode: Phase Shift
with regards to SYNC_I/O synchronized clock in 15
μs steps:
000: 0 μs
001: 15 μs
010: 30 μs
...
111: 105 μs
36
OUT_DELAY
0
Enable/Disable of gradual output delay:
0: gradual delay disabled
1: gradual delay enabled
35-33
Reserved
Table 69. Row_12 (continued)
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com