Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 122 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 118Page - STMicroelectronics L99LDLH32 Datasheet HTML 119Page - STMicroelectronics L99LDLH32 Datasheet HTML 120Page - STMicroelectronics L99LDLH32 Datasheet HTML 121Page - STMicroelectronics L99LDLH32 Datasheet HTML 122Page - STMicroelectronics L99LDLH32 Datasheet HTML 123Page - STMicroelectronics L99LDLH32 Datasheet HTML 124Page - STMicroelectronics L99LDLH32 Datasheet HTML 125Page - STMicroelectronics L99LDLH32 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 142 page
background image
Electrical characteristics
L99LDLH32
122/142
DS12879 Rev 6
8.4
Main electrical characteristics
Table 75. Supply
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VS
Operating battery
voltage
5.5
28
V
VS_UV
VS under voltage
shutdown
VS = 13.5 V
Force a ramp (on VS
pin) from 4.5 V down
to 3 V
3.75
4
4.25
V
VS_UV_RES
VS under voltage
shutdown – reset
threshold
4.5
4.75
V
IVS_STBY
VS stand-by current
consumption (1)
Device in standby
mode through:
DIN = Low
No CAN
communication
40
(TJ=Troom °C)
65
(TJ=125°C)
uA
IOP_OUT_OFF
Operating current
consumption – all
outputs off
From VS – valid in
Bus and SA mode
24
mA
From VPRE_REG –
valid in Bus and SA
mode
3.5
IOP_OUT_ON
Operating current
consumption – all
outputs on, 15mA per
output
From VS – valid in
Bus and SA mode,
DC and PWM mode
24
mA
From VPRE_REG –
valid in Bus and SA
mode, DC and PWM
mode
27.5
V5V
5 V Output Regulator
VS = 13.5 V
Sink 100 mA on V5V
pin
4.85
5
5.15
V
IV5V
5 V Regulator Output
Current
VS = 13.5 V
Sink 100 mA on V5V
and check the output
voltage regulator
100
mA
IV5V_SHT
5 V Regulator short
circuit current
VS = 13.5 V
Force 0 V on V5V
pin
280
340
390
mA
V3V3
3.3 V Output
Regulator
VS = 13.5 V
Sink 5 mA on V3V3
pin
3.15
3.3
3.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com