Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 130 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 126Page - STMicroelectronics L99LDLH32 Datasheet HTML 127Page - STMicroelectronics L99LDLH32 Datasheet HTML 128Page - STMicroelectronics L99LDLH32 Datasheet HTML 129Page - STMicroelectronics L99LDLH32 Datasheet HTML 130Page - STMicroelectronics L99LDLH32 Datasheet HTML 131Page - STMicroelectronics L99LDLH32 Datasheet HTML 132Page - STMicroelectronics L99LDLH32 Datasheet HTML 133Page - STMicroelectronics L99LDLH32 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 142 page
background image
Electrical characteristics
L99LDLH32
130/142
DS12879 Rev 6
8.7
CAN FD Light compatible transceiver characteristics
Table 82. CAN FD Light compatible transceiver
Symbol
Parameter
Test conditions
Min
Typ Max
Unit
VCAN_H, CAN_L, CM
Common mode bus voltage
(VCAN_H + VCAN_L) / 2
Measured with respect to
the ground
-12
12
V
ITR_CC_SC
Transceiver current consumption
during output short
RL=50 Ω … 65 Ω;
VCAN_H=-3 V or
VCAN_L=40 V
120
mA
CANBR
Transceiver bit-rates
Supported bit-rates at
which all requirements are
fulfilled
1Mbit/s
VCAN_H_DOM
Single ended CAN_H voltage level
in dominant state
RL=50 Ω … 65 Ω
2.75
3.5
4.5
V
VCAN_L_DOM
Single ended CAN_L voltage level
in dominant state
RL=50 Ω … 65 Ω
0.5
1.5
2.25
V
VDIFF_DOM
Differential output voltage in
dominant state:
VCAN_H_DOM - VCAN_L_DOM
1.5
2.0
3
V
VCAN_SYM
Driver symmetry:
VCAN_SYM = 
(VCAN_H_DOM + VCAN_L_DOM) / 5V(1)
RL=60 Ω ±1%
fTXD = 1 MHz (square
wave, 50% duty cycle)(2);
CSPLIT = 4.7 nF (±5%);
0.9
1
1.1
V
ICAN_H_DOM
CAN_H output current in dominant
state
VCAN_H=-3 V … 18 V;
-115
115
mA
ICAN_L_DOM
CAN_L output current in dominant
state
VCAN_L=-3 V …18 V;
-115
115
mA
VCAN_H_REC
CAN_H voltage level in recessive
state
No Load
2
2.5
3
V
VCAN_L_REC
CAN_L voltage level in recessive
state
No Load
2
2.5
3
V
VDIFF_REC
Differential output voltage in
recessive state:
VCAN_H_REC - VCAN_L_REC
No Load
-50
50
mV
VCAN_H_REC_LP
CAN_H voltage level in recessive
state – standby mode
No Load
-0.1
0
0.1
V
VCAN_L_REC_LP
CAN_L voltage level in recessive
state - standby mode
No Load
-0.1
0
0.1
V
VDIFF_REC_OUT_LP
Differential output voltage in
recessive state –
VCAN_H_REC -VCAN_L_REC, standby
mode
No Load
-50
50
mV
VTH_DOM
Differential receiver switching
threshold voltage - recessive to
dominant state
-12 V ≤ VCAN_H ≤ 12 V;
-12 V ≤ VCAN_L ≤ 12 V
0.5
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com