Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 123 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 119Page - STMicroelectronics L99PM72GXP Datasheet HTML 120Page - STMicroelectronics L99PM72GXP Datasheet HTML 121Page - STMicroelectronics L99PM72GXP Datasheet HTML 122Page - STMicroelectronics L99PM72GXP Datasheet HTML 123Page - STMicroelectronics L99PM72GXP Datasheet HTML 124Page - STMicroelectronics L99PM72GXP Datasheet HTML 125Page - STMicroelectronics L99PM72GXP Datasheet HTML 126Page - STMicroelectronics L99PM72GXP Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 129 page
background image
DocID024767 Rev 4
123/129
L99PM72GXP
ST SPI
128
6.2.26
Status Register 4
Table 142. Status register 4: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
Bit <15:8>
Bit <7:0>
x
x
0
1
0
1
0
0
Data, 8bit
Data, 8 bit
Table 143. Status register 4, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Function
Group
Diagnosis 5
Diagnosis 6
Table 144. Status register 4, bits
Bit
Name
Comment
Information storage
15
SWRD_15
Status flag for Read operation to Selective Wakeup
relevant Registers
0: Read not done
1: Read done
See also Section 2.10: Serial Peripheral Interface (ST
SPI Standard 3.0)
Automatically cleared
by a write
14
SWRD_14
13
SWRD_13
12
SWRD_12
11
SWRD_11
10
SWRD_10
9SWRD_9
8SWRD_8
7SWRD_7
6
SYS_ERR
This bit is a logical OR combination of
NOT(SWRD_x) OR OSC_Fail OR FD_ERR
The selective wake feature cannot be enabled
(SW_EN = 1) if SYS_ERR = 1
In case of a SYS_ERR the selective wake-up feature is
disabled (SW_EN = 0)
Live bit be updated
while the change of
SWRD_x, OSC_Fail
and FD_ERR.
If SWRD_x are all 1,
OSC_Fail is 0 and
FD_ERR is 0, this bit is
0, otherwise this bit is 1.
5
TX_SYNC
Status flag for Synchronous Reference oscillator of the
Transceiver. Indicates that the last received frame was
decoded correctly
0: Not synchron
1: Synchron
Live bit updated after
each sent CAN frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com