Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 127 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 121Page - STMicroelectronics L99PM72GXP Datasheet HTML 122Page - STMicroelectronics L99PM72GXP Datasheet HTML 123Page - STMicroelectronics L99PM72GXP Datasheet HTML 124Page - STMicroelectronics L99PM72GXP Datasheet HTML 125Page - STMicroelectronics L99PM72GXP Datasheet HTML 126Page - STMicroelectronics L99PM72GXP Datasheet HTML 127Page - STMicroelectronics L99PM72GXP Datasheet HTML 128Page - STMicroelectronics L99PM72GXP Datasheet HTML 129Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
DocID024767 Rev 4
127/129
L99PM72GXP
Package information
128
Table 148. PowerSSO-36 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A-
-
2.45
A2
2.15
-
2.35
a1
0
-
0.1
b
0.18
-
0.36
c
0.23
-
0.32
D
10.10
-
10.50
E
7.4
-
7.6
e-
0.5
-
e3
-
8.5
-
F-
2.3
-
G-
-
0.1
G1
-
-
0.06
H
10.1
-
10.5
h-
-
0.4
k0°
-
8°
L
0.55
-
0.85
M-
4.3
-
N
-
-
10 deg
O-
1.2
-
Q-
0.8
-
S-
2.9
-
T-
3.65
-
U-
1.0
-
X
4.1
-
4.7
Y
6.5
-
7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com