Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 124 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 120Page - STMicroelectronics L99PM72GXP Datasheet HTML 121Page - STMicroelectronics L99PM72GXP Datasheet HTML 122Page - STMicroelectronics L99PM72GXP Datasheet HTML 123Page - STMicroelectronics L99PM72GXP Datasheet HTML 124Page - STMicroelectronics L99PM72GXP Datasheet HTML 125Page - STMicroelectronics L99PM72GXP Datasheet HTML 126Page - STMicroelectronics L99PM72GXP Datasheet HTML 127Page - STMicroelectronics L99PM72GXP Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 129 page
background image
ST SPI
L99PM72GXP
124/129
DocID024767 Rev 4
4
CAN_TO
CAN timeout, bit is set if there is no communication on
the bus for longer than tsilence
Vbat_standby Mode: CAN_TO indicates that there was a
transition from PN_TRX_selective_sleep to TRX_SLEEP
During TRX_STBY Mode (CAN_ACT = 0, Active Mode
and V1_standby Mode
(1)) this bit indicates a CAN
communication timeout. An interrupt on RxDC/NINT is
generated in this case.
Bit is latched until a
read and clear access
3
WUP
Wake up flag for Remote Wake up pattern
Bit is latched until a
read and clear access
2
WUF
Wake up flag for Remote Wake up Frame
Bit is latched until a
read and clear access
1
CAN_Silent
Online monitoring bit to see if there is silence on the bus
for longer than tsilence.
This flag shows the actual status of the CAN bus
(activity/silence). A microcontroller in Stop Mode may
check this flag periodically
Auto cleared and set
0
FD_ERR
Frame Detect Error.
This bit is set at overflow of the Frame Error Counter
(FECNT) in SR5
In case of a Frame Detect Error, the device will wake up
from PN_Trx_selective_sleep
Bit is latched until a
read and clear access
1.
It is recommended to clear the bit CAN_TO prior to transition into V1_standby mode.
Table 144. Status register 4, bits (continued)
Bit
Name
Comment
Information storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com