Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ80EP Datasheet(PDF) 59 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 55Page - STMicroelectronics L99DZ80EP Datasheet HTML 56Page - STMicroelectronics L99DZ80EP Datasheet HTML 57Page - STMicroelectronics L99DZ80EP Datasheet HTML 58Page - STMicroelectronics L99DZ80EP Datasheet HTML 59Page - STMicroelectronics L99DZ80EP Datasheet HTML 60Page - STMicroelectronics L99DZ80EP Datasheet HTML 61Page - STMicroelectronics L99DZ80EP Datasheet HTML 62Page - STMicroelectronics L99DZ80EP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
DocID18260 Rev 6
59/68
L99DZ80EP
Package and packing information
67
6
Package and packing information
6.1
ECOPACK® package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.2
TQFP-64 mechanical data
Table 45. TQFP-64 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
1,20
A1
0,05
0,15
A2
0,95
1,00
1,05
b
0,17
0,22
0,27
c0,09
0,20
D
11,80
12,00
12,20
D1
9,80
10,00
10,20
D2(1)
1.
The size of exposed pads is variable depending on lead frame design and pad size end user should verify
"D2" and "E2" dimensions for each device application
5,85
6,00
6,15
D3
7,50
E
11,80
12,00
12,20
E1
9,80
10,00
10,20
E2(1)
5,85
6,00
6,15
E3
7,50
e
0,50
L
0,45
0,60
0,75
L1
1,00
k
0°
3,50°
7°
ccc
0,08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com