Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ80EP Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 29Page - STMicroelectronics L99DZ80EP Datasheet HTML 30Page - STMicroelectronics L99DZ80EP Datasheet HTML 31Page - STMicroelectronics L99DZ80EP Datasheet HTML 32Page - STMicroelectronics L99DZ80EP Datasheet HTML 33Page - STMicroelectronics L99DZ80EP Datasheet HTML 34Page - STMicroelectronics L99DZ80EP Datasheet HTML 35Page - STMicroelectronics L99DZ80EP Datasheet HTML 36Page - STMicroelectronics L99DZ80EP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
DocID18260 Rev 6
33/68
L99DZ80EP
Application information
67
3.5
Overvoltage and undervoltage detection at VS
If the power supply voltage VS rises above the overvoltage threshold VSOV_OFF, the outputs
OUT1 to OUT11, ECDR, ECV, ECFD are switched to high impedance state, the charge
pump is disabled and the H-Bridge gate drivers are switched into sink condition to protect
the H-bridge and the load. When the voltage VS drops below the undervoltage threshold
VSUV_OFF (UV-switch-OFF voltage), the output stages are switched to high impedance to
avoid the operation of the power devices without sufficient gate driving voltage (increased
power dissipation). If the supply voltage VS recovers to normal operating voltage, the charge
pump is switched on again, the CP_LOW bit is cleared and the output stages return to the
programmed state. If the undervoltage/overvoltage recovery disable bit is set, the automatic
turn-on of the drivers is deactivated.
If the undervoltage/overvoltage recovery disable bit (OV_UV_RD) is set, the microcontroller
needs to clear the status bits to reactivate the drivers. It is recommended to set OV_UV_RD
bit to avoid a possible high current oscillation in case of a shorted output to GND and low
battery voltage.
3.6
Overvoltage and undervoltage detection at VCC
At power-on (VCC increases from undervoltage to VPOROFF) the circuit is initialized by an
internally generated power-on-reset (POR). If the voltage VCC decreases below the low
threshold (VPORON), the outputs are switched to 3-state (high impedance) and the status
registers are cleared. If the voltage at pin VCC increases above the VCC reset high threshold
VVCCRESHU, the device enters the reset state, all outputs are switched off and all internal
registers are cleared. After the voltage at pin VCC has decreased below VVCCRESHL, the
device enters normal operating mode again and the internal registers are reset.
3.7
Temperature warning and shutdown
If the junction temperature rises above the temperature warning threshold (TjTW), a
temperature warning flag is set after the temperature warning filter time (Tjtft) and can be
read via SPI. If the junction temperature increases above the temperature shutdown
threshold (TjTS), the thermal shutdown bit is set and the power transistors of all output
stages are switched off to protect the device after the thermal shutdown filter time. The
gates of the H-Bridge are discharged by the ‘Resistive Low’ mode.
The temperature warning and thermal shutdown flags are latched and must be cleared by
the microcontroller. This is done by a read and clear command on an arbitrary register,
because both bits are part of the global status register.
After these bits have been cleared, the output stages are reactivated. If the temperature is
still above the thermal warning threshold, the thermal warning bit is set after Tjtft. Once this
bit is set and the temperature is above the temperature shutdown threshold, temperature
shutdown is detected after Tjtft and the outputs are switched off. Therefore the minimum
time after which the outputs are switched off after the bits have been cleared in case the
temperature is still above the thermo-shutdown threshold is twice the thermo-warning/-
shutdown filter time Tjtft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com