Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ80EP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 14Page - STMicroelectronics L99DZ80EP Datasheet HTML 15Page - STMicroelectronics L99DZ80EP Datasheet HTML 16Page - STMicroelectronics L99DZ80EP Datasheet HTML 17Page - STMicroelectronics L99DZ80EP Datasheet HTML 18Page - STMicroelectronics L99DZ80EP Datasheet HTML 19Page - STMicroelectronics L99DZ80EP Datasheet HTML 20Page - STMicroelectronics L99DZ80EP Datasheet HTML 21Page - STMicroelectronics L99DZ80EP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Electrical specifications
L99DZ80EP
18/68
DocID18260 Rev 6
rON OUT8
On-resistance to supply in
low resistance mode
VS =13.5 V; Tamb =+25 °C;
IOUT8 =-0.4 A
800
1200 m
VS =13.5 V; Tamb = +125 °C;
IOUT8 =-0.4 A
1200 1700 m
On-resistance to supply in
high resistance mode
VS =13.5 V; Tamb =+25 °C;
IOUT8 =-0.2 A
1600 2400 m
VS =13.5 V; Tamb = +125 °C;
IOUT8 =-0.2 A
2500 3400 m
rON OUT9,10 On-resistance to supply
VS =13.5 V; Tamb =+25 °C;
IOUT9,10 =-0.4A
1600 2200 m
VS =13.5 V; Tamb = +125 °C;
IOUT9,10 =-0.4A
2500 3400 m
rON OUT11
On-resistance to supply
VS =13.5 V; Tamb =+25 °C;
IOUT11 =-3.0A
100
140
m
VS =13.5 V; Tamb = +125 °C;
IOUT11 =-3.0A
140
190
m
rON ECV,ECFD On-resistance to GND
VS =13.5 V; Tamb =+25 °C;
IOUTECV,ECFD =+0.4A
1600 2200 m
VS =13.5 V; Tamb = +125 °C;
IOUTECV,ECFD =+0.4A
2500 3400 m
IQLH
Switched-off output current
high side drivers of OUT1-
6,9-11
VOUT = 0 V; standby mode
-5
-2
µA
VOUT = 0 V; active mode
-10.2
-7
µA
IQLH7,8
Switched-off output current
high side drivers of OUT7,8
VOUT = 0 V; standby mode
-5
-2
µA
VOUT = 0 V; active mode
-15
-10
µA
IQLL
Switched-off output current
low side drivers of OUT1-6
VOUT =VS; standby mode
80
165
µA
VOUT =VS -0.5 V;
active mode
-10
-7
µA
Switched-off output current
low side drivers of ECV
VOUT =VS; standby mode
-15
15
µA
VOUT =VS -0.5 V;
active mode
-10
-7
µA
Switched-off output current
low side drivers of ECFD
VOUT = 4 V; standby mode
80
165
µA
VOUT = 4 V; active mode
-10
10
µA
Table 12. On-resistance (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com