Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 45 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 45 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 49Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
Page 45
nRF51822 Product Specification v3.3
8.2
Power management
Table 28 Power Fail Comparator
Table 29 Pin Reset
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
VPOF
Nominal power level warning
thresholds (falling supply voltage).
Accuracy as defined by VTOL
2.1
2.3
2.5
2.7
V2
VTOL
Threshold voltage tolerance.
±5
%
3
VHYST
Threshold voltage hysteresis.
VPOF = 2.1 V
VPOF = 2.3 V
VPOF = 2.5 V
VPOF = 2.7 V
46
62
79
100
mV
3
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
tHOLDRESETNORMAL
Hold time for reset pin when doing a pin reset.1
1. SWDCLK pin must be kept low during reset.
0.2
μs
1
tHOLDRESETDEBUG
Hold time for reset pin when doing a pin reset
during debug.1,2
2. Bit 0 in the RESET register in the power management module must be set to 1 to enable reset during debug.
100
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com