Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 5 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 5 Page - Nordic Semiconductor

  NRF51822-CDAA-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
Page 5
nRF51822 Product Specification v3.3
August 2014
3.0
Update to reflect the changes in build code:
• nRF51822-QFAA Hx0
• nRF51822-CEAA Ex0
• nRF51822-QFAB Cx0
(The x in the build codes can be any number between 0 and 9.)
If you are working with a previous revision of the chip, read version 2.x of the document.
Added content:
• Section 8.5.3 “Radio current consumption with DC/DC enabled” on page 51
• Section 11.1.1 “PCB layout example” on page 80
Updated content:
• Feature list on the front page.
• Section 2.1 “Block diagram” on page 11
• Section 3.2.1 “Code organization” on page 22
• Section 3.2.2 “RAM organization” on page 22
• Section 3.3 “Memory Protection Unit (MPU)” on page 23
• Section 3.4 “Power management (POWER)” on page 24
• Section 3.6 “Clock management (CLOCK)” on page 28
• Section 3.8 “Debugger support” on page 31
• Section 4.2 “Timer/counters (TIMER)” on page 33
• Chapter 5 “Instance table” on page 37
• Chapter 7 “Operating conditions” on page 39
• Section 8.1.2 “16 MHz crystal oscillator (16M XOSC)” on page 41
• Section 8.1.3 “32 MHz crystal oscillator (32M XOSC)” on page 42
• Section 8.1.4 “16 MHz RC oscillator (16M RCOSC)” on page 43
• Section 8.1.6 “32.768 kHz RC oscillator (32k RCOSC)” on page 44
• Section 8.1.7 “32.768 kHz Synthesized oscillator (32k SYNT)” on page 44
• Section 8.2 “Power management” on page 45
• Section 8.3 “Block resource requirements” on page 49
• Section 8.4 “CPU” on page 49
• Section 8.5.6 “Radio timing parameters” on page 55
• Section 8.5.7 “Antenna matching network requirements” on page 55
• Section 8.7 “Universal Asynchronous Receiver/Transmitter (UART) specifications”
on page 56
• Section 8.8 “Serial Peripheral Interface Slave (SPIS) specifications” on page 57
• Section 8.12 “Analog to Digital Converter (ADC) specifications” on page 61
• Section 8.13 “Timer (TIMER) specifications” on page 62
• Section 8.15 “Temperature sensor (TEMP)” on page 62
• Section 8.22 “Non-Volatile Memory Controller (NVMC) specifications” on page 65
• Section 8.24 “Low Power Comparator (LPCOMP) specifications” on page 66
• Section 9.2 “CDAB WLCSP package” on page 68
• Section 10.7.2 “Development tools” on page 78
• Chapter 11 “Reference circuitry” on page 79
Date
Version
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com