Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 14 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 14 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 18Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
Page 14
nRF51822 Product Specification v3.3
Table 1 Pin functions QFN48 packet
2.2.2
CDAB WLCSP ball assignment and functions
Figure 3 Ball assignment CDAB packet (top side view)
40 to 44
P0.21 to P0.25
Digital I/O
General purpose I/O pin.
45
P0.26
AIN0
XL2
Digital I/O
Analog input
Analog output
General purpose I/O pin.
ADC/LPCOMP input 0.
Connection for 32.768 kHz crystal.
46
P0.27
AIN1
XL1
Digital I/O
Analog input
Analog input
General purpose I/O pin.
ADC/LPCOMP input 1.
Connection for 32.768 kHz crystal or external 32.768 kHz
clock reference.
47, 48
P0.28 and P0.29
Digital I/O
General purpose I/O pin.
1. The exposed center pad of the QFN48 package must be connected to ground for proper device operation.
Pin
Pin name
Pin function
Description
6
5
4
3
2
19
8
7
A
B
C
D
E
F
G
H
N51822
CDABHP
YYWWLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com