Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 36 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 36 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 40Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 130 page
background image
Page 36
nRF51822 Product Specification v3.3
4.12
Universal Asynchronous Receiver/Transmitter (UART)
The Universal Asynchronous Receiver/Transmitter offers fast, full-duplex, asynchronous serial
communication with built-in flow control (CTS, RTS) support in hardware up to 1 Mbps baud. Parity
checking is supported.
The GPIOs used for each UART interface line can be chosen from any GPIO on the device and are
independently configurable. This enables great flexibility in device pinout and efficient use of board space
and signal routing.
4.13
Quadrature Decoder (QDEC)
The quadrature decoder provides buffered decoding of quadrature-encoded sensor signals. It is suitable for
mechanical and optical sensors with an optional LED output signal and input debounce filters. The sample
period and accumulation are configurable to match application requirements.
4.14
Analog to Digital Converter (ADC)
The 10 bit incremental Analog to Digital Converter (ADC) enables sampling of up to 8 external signals
through a front-end multiplexer. The ADC has configurable input, reference prescaling, and sample
resolution (8, 9, and 10 bit).
Note: The ADC module uses the same analog inputs as the LPCOMP module (AIN0 - AIN7 and
AREF0 - AREF1). Only one of the modules can be enabled at the same time.
4.15
GPIO Task Event blocks (GPIOTE)
A GPIOTE block enables GPIOs on Port 0 to generate events on pin state change which can be used to carry
out tasks through the PPI system. A GPIO can also be driven to change state on system events using the PPI
system. Low power detection of pin state changes on Port 0 is possible when in System ON or System OFF.
Table 17 GPIOTE properties
4.16
Low Power Comparator (LPCOMP)
In System ON, the block can generate separate events on rising and falling edges of a signal, or sample the
current state of the pin as being above or below the threshold. The block can be configured to use any of the
analog inputs on the device. Additionally, the low power comparator can be used as an analog wakeup
source from System OFF or System ON. The comparator threshold can be programmed to a range of
fractions of the supply voltage.
Note: The LPCOMP module uses the same analog inputs as the ADC module (AIN0 - AIN7 and
AREF0 - AREF1). Only one of the modules can be enabled at the same time.
Instance
Number of GPIOTE channels
GPIOTE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com