Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 10 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 10 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 9Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 14Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
Page 10
nRF51822 Product Specification v3.3
1
Introduction
The nRF51822 chip is an ultra-low power 2.4 GHz wireless System on Chip (SoC) integrating the nRF51 Series
2.4 GHz transceiver, a 32 bit ARM® Cortex™-M0 CPU, flash memory, and analog and digital peripherals.
nRF51822 can support Bluetooth® low energy and a range of proprietary 2.4 GHz protocols, such as Gazell
from Nordic Semiconductor.
Fully qualified Bluetooth low energy stacks for nRF51822 are implemented in the S100 series of SoftDevices.
The S100 series of SoftDevices are available for free and can be downloaded and installed on nRF51822
independent of your own application code.
1.1
Required reading
The following documentation is available for download from our Infocenter:
• nRF51 Series Reference Manual
• nRF51822-PAN (Product Anomaly Notification)
• PCN-092 (nRF51822 Product Change Notification)
1.2
Writing conventions
This product specification follows a set of typographic rules to ensure that the document is consistent and
easy to read. The following writing conventions are used:
• Command, event names, and bit state conditions, are written in Lucida Console.
• Pin names and pin signal conditions are written in Consolas.
• File names and User Interface components are written in bold.
• Internal cross references are italicized and written in semi-bold.
• Placeholders for parameters are written in italic regular text font. For example, a syntax
description of Connect will be written as:
Connect(TimeOut, AdvInterval).
• Fixed parameters are written in regular text font. For example, a syntax description of
Connect will be written as:
Connect(0x00F0, Interval).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com