Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
Page 20
nRF51822 Product Specification v3.3
3
System blocks
The chip contains system-level features common to all nRF51 Series devices including clock control, power
and reset, interrupt system, Programmable Peripheral Interconnect (PPI), watchdog, and GPIO.
System blocks which have a register interface and/or interrupt vector assigned are instantiated in the device
address space. The instances of system blocks, their associated ID (for those with interrupt vectors), and base
addresses are found in Table 18 on page 37. Detailed functional descriptions, configuration options, and
register interfaces can be found in the nRF51 Series Reference Manual.
3.1
CPU
The ARM® Cortex™-M0 CPU has a 16 bit instruction set with 32 bit extensions (Thumb-2® technology) that
delivers high-density code with a small-memory-footprint. By using a single-cycle 32 bit multiplier, a 3-stage
pipeline, and a Nested Vector Interrupt Controller (NVIC), the ARM Cortex-M0 CPU makes program
execution simple and highly efficient.
The ARM Cortex Microcontroller Software Interface Standard (CMSIS) hardware abstraction layer for the
ARM Cortex-M processor series is implemented and available for M0 CPU. Code is forward compatible with
ARM Cortex M3 based devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com