Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 82 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 82 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 86Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
Page 82
nRF51822 Product Specification v3.3
11.3
QFAA QFN48 package
Documentation for the QFAA QFN48 package reference circuit, including Altium Designer files, PCB layout
files, and PCB production files can be downloaded from the Infocenter.
11.3.1
QFAA QFN48 schematic with internal LDO setup
Figure 24 QFAA QFN48 with internal LDO setup
Note: For PCB reference layouts, see the Reference Layout page in the Infocenter.
C1
12pF
C2
12pF
C9
1.0nF
C8
100nF
C10
47nF
C11
100nF
VCC_nRF
VCC_nRF
VCC_nRF
C7
100nF
P0.07
P0.30
P0.17
P0.18
P0.19
P0.20
P0.00
P0.01
P0.02
P0.03
P0.04
P0.06
P0.05
C3
2.2nF
C4
1.0pF
C5
2.2pF
C6
1.5pF
VDD
1
VDD
12
VDD_PA
30
ANT1
31
ANT2
32
VSS
33
VSS
34
AVDD
35
AVDD
36
nRF51x22
DCC
2
P0.30
3
P0.00
4
P0.01
5
P0.02
6
P0.03
7
P0.04
8
P0.05
9
P0.06
10
P0.07
11
P0.17
25
P0.18
26
P0.19
27
P0.20
28
DEC2
29
U1
nRF51x22-QFAA
C14
12pF
C13
12pF
Optional
L1
4.7nH
L2
10nH
L3
3.3nH
R1
1k
X1
16MHz
X2
32.768kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com