Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAA-R7 Datasheet(PDF) 103 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 103 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 107Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 130 page
background image
Page 103
nRF51822 Product Specification v3.3
11.6.2.1
Bill of Materials
Table 96 CDAB WLCSP with low voltage mode setup
Designator
Value
Description
Footprint
B1
BAL-NRF02D3
ST Microelectronics, 50 Ω balun transformer for
2.45 GHz ISM
BAL-ST-WLCSP
C1, C2, C13, C14
12 pF
Capacitor, NP0, ±2%
0402
C3
2.2 nF
Capacitor, X7R, ±10%
0402
C7, C8, C11
100 nF
Capacitor, X7R, ±10%
0402
C9
1.0 nF
Capacitor, X7R, ±10%
0402
C10
47 nF
Capacitor, X7R, ±10%
0402
R1
1 kΩ
Resistor ±1%, 0.063 W
0402
U1
nRF51822-CDAB
RF SoC
WLCSP-56
X1
16 MHz
Crystal SMD 2520, 16 MHz, 8 pF, ±40 ppm
SMD 2520
X2
32.768 kHz
Crystal SMD 3215, 32.768 kHz, 9 pF, ±20 ppm
SMD 3215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com