Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8818D/KDX Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 29Page - Microchip Technology LAN8818D/KDX Datasheet HTML 30Page - Microchip Technology LAN8818D/KDX Datasheet HTML 31Page - Microchip Technology LAN8818D/KDX Datasheet HTML 32Page - Microchip Technology LAN8818D/KDX Datasheet HTML 33Page - Microchip Technology LAN8818D/KDX Datasheet HTML 34Page - Microchip Technology LAN8818D/KDX Datasheet HTML 35Page - Microchip Technology LAN8818D/KDX Datasheet HTML 36Page - Microchip Technology LAN8818D/KDX Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 33
5.6.1
AUTO-NEGOTIATION NEXT PAGE USAGE
The device supports “Next Page” capability which is used to negotiate Gigabit Ethernet and Energy Efficient Ethernet
functionality as well as to support software controlled pages.
As described in IEEE 802.3 Annex 40C “Add-on interface for additional Next Pages”, the device will autonomously send
and receive the Gigabit Ethernet and Energy Efficient Ethernet next pages and then optionally send and receive soft-
ware controlled next pages.
Gigabit Ethernet next pages consist of one message and two unformatted pages. The message page contains an 8 as
the message code. The first unformatted page contains the information from the Auto-Negotiation Master Slave Control
register. The second unformatted page contains the Master-Slave Seed value used to resolve the Master-Slave selec-
tion. The result of the Gigabit Ethernet next pages exchange is stored in Auto-Negotiation Master Slave Status register.
Gigabit Ethernet next pages are always transmitted, regardless of the advertised settings in the Auto-Negotiation Master
Slave Control register.
Energy Efficient Ethernet (EEE) next pages consist of one message and one unformatted page. The message page
contains a 10 as the message code (this value can be overridden in the EEE Message Code register). The unformatted
page contains the information from the EEE Advertisement register. The result of the Gigabit Ethernet next pages
exchange is stored in EEE Link Partner Ability register.
EEE next pages are transmitted only if the advertised setting in the EEE Advertisement register is not zero.
Following the EEE next page exchange, software controlled next pages are exchanged when the Next Page bit in the
Auto-Negotiation Advertisement register is set. Software controlled next page status is monitored via the Auto-Negoti-
ation Expansion register and Auto-Negotiation Next Page RX register.
5.6.2
PARALLEL DETECT DUPLEX
Normally, and according to IEEE 802.3, when parallel detection is used to establish the link, the resulting operation is
set to half duplex. An option exists to force this result to full duplex. This is enabled by setting the LP Force 100 FD
Override and/or LP Force 10 FD Override bits in the Parallel Detect Full Duplex Override register.
TABLE 5-2:
AUTO-NEGOTIATION TIMERS
Auto-Negotiation Interval Timers
Time Duration
Transmit Burst Interval
16 ms
Transmit Pulse Interval
68 µs
FLP Detect Minimum Time
17.2 µs
FLP Detect Maximum Time
185 µs
Receive Minimum Burst Interval
6.8 ms
Receive Maximum Burst Interval
112 ms
Data Detect Minimum Interval
35.4 µs
Data Detect Maximum Interval
95 µs
Normal Link Pulse (NLP) Test Minimum Interval
4.5 ms
NLP Test Maximum Interval
30 ms
Link Loss Time
52 ms
Break Link Time
1480 ms
Parallel Detection Wait Time
830 ms
Link Enable Wait Time
1000 ms
APPLICATION NOTE: The Gigabit Ethernet and EEE next pages may be viewed in Auto-Negotiation Next Page
RX register as they are exchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com