Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8818D/KDX Datasheet(PDF) 77 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 77 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 73Page - Microchip Technology LAN8818D/KDX Datasheet HTML 74Page - Microchip Technology LAN8818D/KDX Datasheet HTML 75Page - Microchip Technology LAN8818D/KDX Datasheet HTML 76Page - Microchip Technology LAN8818D/KDX Datasheet HTML 77Page - Microchip Technology LAN8818D/KDX Datasheet HTML 78Page - Microchip Technology LAN8818D/KDX Datasheet HTML 79Page - Microchip Technology LAN8818D/KDX Datasheet HTML 80Page - Microchip Technology LAN8818D/KDX Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 77
Note 6-6
The maximum input frequency for LVDS1 is 150 MHz.
LVDS1 Type Input Buffer
Input Common mode
Voltage Range
Input Peak Diff. Voltage
VCM
VID
VID/2
100
—
—
2.4-VID/2
600
V
mV
Note 6-6
TABLE 6-6:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS VDDIO = 3.3V/2.5V/1.8V
Parameter
Symbol
Min
Typ
1.8
Typ
2.5
Typ
3.3
Max
Unit
Note
VIS Type Input Buffer
Low Input Level
High Input Level
Schmitt Falling Trip Point
Schmitt Rising Trip Point
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = P_VSS or VDDIO)
Input Capacitance
(generic guess)
Effective Pull-Up Resistance
(VIN = P_VSS)
Effective Pull-Down
Resistance
(VIN = VDDIO)
VIL
VIH
VT-
VT+
VHYS
IIH
CIN
RPU
RPD
—
0.63xVDDIO
0.67
0.8
109.9
-10
—
58.9
58.7
—
—
0.8
0.94
149
—
—
70
70
—
—
1.1
1.25
148
—
—
—
—
—
—
1.46
1.62
164
—
—
—
—
0.39 x VDDIO
1.68
1.85
219.4
10
3
83.7
84.5
V
V
V
V
mV
µA
pF
kΩ
kΩ
—
—
—
—
—
Note 6-7
—
—
—
VO12 Type Buffer
Low Output Level
High Output Level
Output Tri-State Leakage
VOL
VOH
IOZ
—
VDDIO-0.4
-10
—
—
—
0.4
—
10
V
V
µA
IOL = -12 mA
IOH = 12 mA
Note 6-7
VOD12 Type Buffer
Low Output Level
Output Tri-State Leakage
VOL
IOZ
—
-10
—
—
0.4
10
V
µA
IOL = -12 mA
Note 6-7
TABLE 6-5:
NON-VARIABLE I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com